Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 6Page - STMicroelectronics PM0215 Datasheet HTML 7Page - STMicroelectronics PM0215 Datasheet HTML 8Page - STMicroelectronics PM0215 Datasheet HTML 9Page - STMicroelectronics PM0215 Datasheet HTML 10Page - STMicroelectronics PM0215 Datasheet HTML 11Page - STMicroelectronics PM0215 Datasheet HTML 12Page - STMicroelectronics PM0215 Datasheet HTML 13Page - STMicroelectronics PM0215 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
About this document
PM0215
10/91
Doc ID 022979 Rev 1
1.3.1
System level interface
The Cortex-M0 processor provides a single system-level interface using AMBA
® technology
to provide high speed, low latency memory accesses.
1.3.2
Integrated configurable debug
The Cortex-M0 processor implements a complete hardware debug solution, with extensive
hardware breakpoint and watchpoint options. This provides high system visibility of the
processor, memory and peripherals through a 2-pin Serial Wire Debug (SWD) port that is
ideal for small package devices.
1.3.3
Cortex-M0 processor features and benefits summary
High code density with 32-bit performance
Tools and binary upwards compatible with Cortex-M processor family
Integrated ultra low-power sleep modes
Efficient code execution permits slower processor clock or increases sleep mode time
Single-cycle 32-bit hardware multiplier
Zero jitter interrupt handling
Extensive debug capabilities
1.3.4
Cortex-M0 core peripherals
The peripherals are:
Nested vectored interrupt controller: The NVIC is an embedded interrupt controller that
supports low latency interrupt processing.
System control block: The SCB is the programmers model interface to the processor. It
provides system implementation information and system control, including
configuration, control, and reporting of system exceptions.
System timer: SysTick is a 24-bit count-down timer. Use this as a Real Time Operating
System (RTOS) tick timer or as a simple counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com