Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 27Page - STMicroelectronics PM0215 Datasheet HTML 28Page - STMicroelectronics PM0215 Datasheet HTML 29Page - STMicroelectronics PM0215 Datasheet HTML 30Page - STMicroelectronics PM0215 Datasheet HTML 31Page - STMicroelectronics PM0215 Datasheet HTML 32Page - STMicroelectronics PM0215 Datasheet HTML 33Page - STMicroelectronics PM0215 Datasheet HTML 34Page - STMicroelectronics PM0215 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
PM0215
The STM32 Cortex-M0 instruction set
Doc ID 022979 Rev 1
31/91
3
The STM32 Cortex-M0 instruction set
This chapter is the reference material for the Cortex-M0 instruction set description in a User
Guide. The following sections give general information:
Section 3.1: Instruction set summary on page 31
Section 3.2: CMSIS intrinsic functions on page 35
Section 3.3: About the instruction descriptions on page 36
Each of the following sections describes a functional group of Cortex-M0 instructions.
Together they describe all the instructions supported by the Cortex-M0 processor:
Section 3.4: Memory access instructions on page 41
Section 3.5: General data processing instructions on page 48
Section 3.6: Branch and control instructions on page 59
Section 3.7: Miscellaneous instructions on page 61
3.1
Instruction set summary
The processor implements a version of the thumb instruction set. Table 14 lists the
supported instructions.
In Table 14:
Angle brackets, <>, enclose alternative forms of the operand
Braces, {}, enclose optional operands
The operands column is not exhaustive
Op2 is a flexible second operand that can be either a register or a constant
Most instructions can use an optional condition code suffix
For more information on the instructions and operands, see the instruction descriptions.
Table 14.
Cortex-M0 instructions
Mnemonic
Operands
Brief description
Flags
Page
ADCS
{Rd,} Rn, Rm
Add with carry
N,Z,C,V
3.5.1 on
page 49
ADD{S}
{Rd,} Rn, <Rm|#imm> Add
N,Z,C,V
3.5.1 on
page 49
ADR
Rd, label
PC-relative address to register
-
3.4.1 on
page 42
ANDS
{Rd,} Rn, Rm
Bitwise AND
N,Z
3.5.2 on
page 51
ASRS
{Rd,} Rm, <Rs|#imm> Arithmetic shift right
N,Z,C
3.5.3 on
page 52
B{cc}
label
Branch {conditionally}
-
3.6.1 on
page 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com