Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 77 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 73Page - STMicroelectronics PM0215 Datasheet HTML 74Page - STMicroelectronics PM0215 Datasheet HTML 75Page - STMicroelectronics PM0215 Datasheet HTML 76Page - STMicroelectronics PM0215 Datasheet HTML 77Page - STMicroelectronics PM0215 Datasheet HTML 78Page - STMicroelectronics PM0215 Datasheet HTML 79Page - STMicroelectronics PM0215 Datasheet HTML 80Page - STMicroelectronics PM0215 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
PM0215
Core peripherals
Doc ID 022979 Rev 1
77/91
4.3
System control block (SCB)
The System control block (SCB) provides system implementation information, and system
control. This includes configuration, control, and reporting of the system exceptions. To
improve software efficiency, the CMSIS simplifies the SCB register presentation, in the
CMSIS, the array SHP[1] corresponds to the registers SHPR2-SHPR3.
4.3.1
CPUID base register (CPUID)
Address offset: 0x00
Reset value: 0x410C C200
The CPUID register contains the processor part number, version, and implementation
information.
Table 30.
Summary of the system control block registers
Address
Name
Type
Reset value
Description
0xE000ED00 CPUID
RO
0x410CC200 Section 4.3.1: CPUID base register (CPUID) on page 77
0xE000ED04 ICSR
RW(1) 0x00000000
Section 4.3.2: Interrupt control and state register (ICSR) on
page 78
0xE000ED0C AIRCR
RW(1) 0xFA050000
Section 4.3.3: Application interrupt and reset control register
(AIRCR) on page 80
0xE000ED10 SCR
RW
0x00000000
Section 4.3.4: System control register (SCR) on page 81
0xE000ED14 CCR
RW
0x00000204
Section 4.3.5: Configuration and control register (CCR) on
page 82
0xE000ED1C SHPR2
RW
0x00000000
Section 4.3.6: System handler priority registers (SHPRx) on
page 83
0xE000ED20 SHPR3
RW
0x00000000
1.
See the register description for more information.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Implementer
Variant
Constant
rrr
rrr
r
r
r
r
r
r
r
r
r
r
15
14
13
12
11
10
9
8
7
6
5
4321
0
PartNo
Revision
rrr
rrr
r
r
r
r
r
r
r
r
r
r
Bits 31:24 Implementer: Implementer code
0x41: ARM
Bits 23:20 Variant: Variant number: The r value in the Rnpn product revision identifier
0x0: revision 0
Bits 19:16 Constant: Constant that defines the architecture of the processor:
0xC: ARMv6-M architecture
Bits 15:4 PartNo: Part number of the processor
0xC20: Cortex-M0
Bits 3:0 Revision: The p value in the Rnpn product revision identifier, indicates patch release.
0x0: patch 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com