Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 82 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 78Page - STMicroelectronics PM0215 Datasheet HTML 79Page - STMicroelectronics PM0215 Datasheet HTML 80Page - STMicroelectronics PM0215 Datasheet HTML 81Page - STMicroelectronics PM0215 Datasheet HTML 82Page - STMicroelectronics PM0215 Datasheet HTML 83Page - STMicroelectronics PM0215 Datasheet HTML 84Page - STMicroelectronics PM0215 Datasheet HTML 85Page - STMicroelectronics PM0215 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
Core peripherals
PM0215
82/91
Doc ID 022979 Rev 1
4.3.5
Configuration and control register (CCR)
Address offset: 0x14
Reset value: 0x0000 0204
The CCR is a read-only register and indicates some aspects of the behavior of the Cortex-
M0 processor.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4321
0
Reserved
STK
ALIGN
Reserved
UN
ALIGN_
TRP
Reserved
rw
rw
Bits 31:10 Reserved, must be kept cleared
Bit 9 STKALIGN
Always reads as one, indicates 8-byte stack alignment on exception entry.
On exception entry, the processor uses bit[9] of the stacked PSR to indicate the stack
alignment. On return from the exception it uses this stacked bit to restore the correct stack
alignment.
Bits 8:4 Reserved, must be kept cleared
Bit 3 UNALIGN_ TRP
Always reads as one, indicates that all unaligned accesses generate a HardFault.
Bits 2:0 Reserved, must be kept cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com