Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 83 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 79Page - STMicroelectronics PM0215 Datasheet HTML 80Page - STMicroelectronics PM0215 Datasheet HTML 81Page - STMicroelectronics PM0215 Datasheet HTML 82Page - STMicroelectronics PM0215 Datasheet HTML 83Page - STMicroelectronics PM0215 Datasheet HTML 84Page - STMicroelectronics PM0215 Datasheet HTML 85Page - STMicroelectronics PM0215 Datasheet HTML 86Page - STMicroelectronics PM0215 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
PM0215
Core peripherals
Doc ID 022979 Rev 1
83/91
4.3.6
System handler priority registers (SHPRx)
The SHPR2-SHPR3 registers set the priority level, 0 to 192, of the exception handlers that
have configurable priority. SHPR2-SHPR3 are word accessible. To access the system
exception priority level using CMSIS, use the following CMSIS functions (where the input
parameter IRQn is the IRQ number):
uint32_t NVIC_GetPriority(IRQn_Type IRQn)
void NVIC_SetPriority(IRQn_Type IRQn, uint32_t priority)
Each PRI_n field is 8 bits wide, but the processor implements only bits[7:6] of each field,
and bits[5:0] read as zero and ignore writes.
System handler priority register 2 (SHPR2)
Address offset: 0x1C
Reset value: 0x0000 0000
System handler priority register 3 (SHPR3)
Address: 0xE000 ED20
Reset value: 0x0000 0000
Table 31.
System fault handler priority fields and registers
Handler
Field
Register description
SVCall
PRI_11
System handler priority register 2 (SHPR2) on page 83
PendSV
PRI_14
System handler priority register 3 (SHPR3) on page 83
SysTick
PRI_15
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
PRI_11
Reserved
rw
rw
rw
rw
r
r
r
r
15
14
13
12
11
10
9
8
7
6
5
4321
0
Reserved
Bits 31:24 PRI_11: Priority of system handler 11, SVCall
Bits 23:0 Reserved, must be kept cleared
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
PRI_15
PRI_14
rw
rw
rw
rw
r
r
r
r
rw
rw
rw
rw
r
r
r
r
15
14
13
12
11
10
9
8
7
6
5
4321
0
Reserved
Bits 31:24 PRI_15: Priority of system handler 15, SysTick exception.
This is Reserved when the SysTick timer is not implemented.
Bits 23:16 PRI_14: Priority of system handler 14, PendSV
Bits 15:0 Reserved, must be kept cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com