Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 5Page - STMicroelectronics PM0215 Datasheet HTML 6Page - STMicroelectronics PM0215 Datasheet HTML 7Page - STMicroelectronics PM0215 Datasheet HTML 8Page - STMicroelectronics PM0215 Datasheet HTML 9Page - STMicroelectronics PM0215 Datasheet HTML 10Page - STMicroelectronics PM0215 Datasheet HTML 11Page - STMicroelectronics PM0215 Datasheet HTML 12Page - STMicroelectronics PM0215 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
PM0215
About this document
Doc ID 022979 Rev 1
9/91
1.3
About the STM32 Cortex-M0 processor and core peripherals
The Cortex-M0 processor is an entry-level 32-bit ARM Cortex processor designed for a
broad range of embedded applications. It offers significant benefits to developers, including:
a simple architecture that is easy to learn and program
ultra-low power, energy efficient operation
excellent code density
deterministic, high-performance interrupt handling
upward compatibility with Cortex-M processor family.
The Cortex-M0 processor is built on a highly area and power optimized 32-bit processor
core, with a 3-stage pipeline von Neumann architecture. The processor delivers exceptional
energy efficiency through a small but powerful instruction set and extensively optimized
design, providing high-end processing hardware including a single-cycle multiplier.
The Cortex-M0 processor implements the ARMv6-M architecture, which is based on the 16-
bit Thumb® instruction set and includes Thumb-2 technology. This provides the exceptional
performance expected of a modern 32-bit architecture, with a higher code density than other
8-bit and 16-bit microcontrollers.
Figure 1.
STM32 Cortex-M0 implementation
The Cortex-M0 processor closely integrates a configurable nested vectored interrupt
controller (NVIC), to deliver industry-leading interrupt performance. The NVIC:
includes a non-maskable interrupt (NMI)
provides zero jitter interrupt option
provides four interrupt priority levels.
The tight integration of the processor core and NVIC provides fast execution of interrupt
service routines (ISRs), dramatically reducing the interrupt latency. This is achieved through
the hardware stacking of registers, and the ability to abandon and restart load-multiple and
store-multiple operations. Interrupt handlers do not require any assembler wrapper code,
removing any code overhead from the ISRs. Tail-chaining optimization also significantly
reduces the overhead when switching from one ISR to another. To optimize low-power
designs, the NVIC integrates with the sleep modes, including a deep sleep function that
enables the entire device to be rapidly powered down.
&RUWH[0SURFHVVRU
&RUWH[0
SURFHVVRU
FRUH
%XVPDWUL[
1HVWHG
9HFWRUHG
,QWHUUXSW
&RQWUROOHU
19,&
,QWHUUXSWV
'HEXJ
$FFHVV3RUW
'$3
$+%/LWHLQWHUIDFHWRV\VWHP
6HULDO:LUH
'HEXJ
'HEXJJHU
LQWHUIDFH
%UHDNSRLQW
DQG
ZDWFKSRLQW
XQLW
&RUWH[0FRPSRQHQWV
069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com