Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 87 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 83Page - STMicroelectronics PM0215 Datasheet HTML 84Page - STMicroelectronics PM0215 Datasheet HTML 85Page - STMicroelectronics PM0215 Datasheet HTML 86Page - STMicroelectronics PM0215 Datasheet HTML 87Page - STMicroelectronics PM0215 Datasheet HTML 88Page - STMicroelectronics PM0215 Datasheet HTML 89Page - STMicroelectronics PM0215 Datasheet HTML 90Page - STMicroelectronics PM0215 Datasheet HTML 91Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
PM0215
Core peripherals
Doc ID 022979 Rev 1
87/91
4.4.2
SysTick reload value register (STK_RVR)
Address offset: 0x04
Reset value: Unknown
The STK_RVR specifies the start value to load into the STK_CVR.
4.4.3
SysTick current value register (STK_CVR)
Address offset: 0x08
Reset value: Unknown
The STK_CVR contains the current value of the SysTick counter.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
RELOAD[23:16]
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4321
0
RELOAD[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:24 Reserved, must be kept cleared.
Bits 23:0 RELOAD: RELOAD value
Value to load into the STK_CVR when the counter is enabled and when it reaches 0.
Calculating the RELOAD value
The RELOAD value can be any value in the range 0x00000001-0x00FFFFFF. A start value of
0 is possible, but has no effect because the SysTick exception request and COUNTFLAG are
activated when counting from 1 to 0. To generate a multi-shot timer with a period of N
processor clock cycles, use a RELOAD value of N-1. For example, if the SysTick interrupt is
required every 100 clock pulses, set RELOAD to 99.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CURRENT[23:16]
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4321
0
CURRENT[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:24 Reserved, must be kept cleared.
Bits 23:0 CURRENT: Current counter value
Reads return the current value of the SysTick counter.
A write of any value clears the field to 0, and also clears the COUNTFLAG bit in the
STK_CSR register to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com