Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 88 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 83Page - STMicroelectronics PM0215 Datasheet HTML 84Page - STMicroelectronics PM0215 Datasheet HTML 85Page - STMicroelectronics PM0215 Datasheet HTML 86Page - STMicroelectronics PM0215 Datasheet HTML 87Page - STMicroelectronics PM0215 Datasheet HTML 88Page - STMicroelectronics PM0215 Datasheet HTML 89Page - STMicroelectronics PM0215 Datasheet HTML 90Page - STMicroelectronics PM0215 Datasheet HTML 91Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 88 / 91 page
background image
Core peripherals
PM0215
88/91
Doc ID 022979 Rev 1
4.4.4
SysTick calibration value register (STK_CALIB)
Address offset: 0x0C
Reset value: 0x0000000
The CALIB register indicates the SysTick calibration properties. If calibration information is
not known, calculate the calibration value required from the frequency of the processor clock
or external clock.
4.4.5
SysTick design hints and tips
The SysTick counter runs on the processor clock. If this clock signal is stopped for low
power mode, the SysTick counter stops.
Ensure software uses aligned word accesses to access the SysTick registers.
The SysTick counter reload and current value are undefined at reset, the correct
initialization sequence for the SysTick counter is:
1.
Program reload value.
2.
Clear current value.
3.
Program Control and Status register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
NO
REF
SKEW
Reserved
TENMS[23:16]
r
r
rr
rrr
r
r
r
15
14
13
12
11
10
9
8
7
6
5
4321
0
TENMS[15:0]
rrr
rrr
r
r
r
r
r
r
r
r
r
r
Bit 31 NOREF: NOREF flag. Reads as one. Indicates that no separate reference clock is provided.
Bit 30 SKEW: SKEW flag: Reads as one. Calibration value for the 10ms inexact timing is not known
because TENMS is not known. This can affect the suitability of SysTick as a software real time
clock.
Bits 29:24 Reserved, must be kept cleared.
Bits 23:0 TENMS[23:0]: Calibration value. Reads as zero. Indicates calibration value is not known



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com