| Electronic Components Datasheet Search |
|
PM0215 Datasheet(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0215 Datasheet(HTML) 39 Page - STMicroelectronics |
|
39 / 91 page ![]() PM0215 The STM32 Cortex-M0 instruction set Doc ID 022979 Rev 1 39/91 3.3.4 Address alignment An aligned access is an operation where a word-aligned address is used for a word, or multiple word access, or where a halfword-aligned address is used for a halfword access. Byte accesses are always aligned. There is no support for unaligned accesses on the Cortex-M0 processor. Any attempt to perform an unaligned memory access operation results in a HardFault exception. 3.3.5 PC-relative expressions A PC-relative expression or label is a symbol that represents the address of an instruction or literal data. It is represented in the instruction as the PC value plus or minus a numeric offset. The assembler calculates the required offset from the label and the address of the current instruction. If the offset is too big, the assembler produces an error. ● For most instructions, the value of the PC is the address of the current instruction plus four bytes. ● Your assembler might permit other syntaxes for PC-relative expressions, such as a label plus or minus a number, or an expression of the form [PC, #number]. 3.3.6 Conditional execution Most data processing instructions can optionally update the condition flags in the application program status register (APSR) according to the result of the operation (see Application program status register on page 14). Some instructions update all flags, and some only update a subset. If a flag is not updated, the original value is preserved. See the instruction descriptions for the flags they affect. You can execute an instruction conditionally, based on the condition flags set in another instruction: ● Immediately after the instruction that updated the flags ● After any number of intervening instructions that have not updated the flags On the Cortex-M0 processor, conditional execution is available by using conditional branches. This section describes: ● The condition flags ● Condition code suffixes The condition flags The APSR contains the following condition flags: ● N: Set to 1 when the result of the operation is negative, otherwise cleared to 0 ● Z: Set to 1 when the result of the operation is zero, otherwise cleared to 0 ● C: Set to 1 when the operation results in a carry, otherwise cleared to 0. ● V: Set to 1 when the operation causes an overflow, otherwise cleared to 0. For more information about the APSR see Program status register on page 13. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |