Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 72 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 68Page - STMicroelectronics PM0215 Datasheet HTML 69Page - STMicroelectronics PM0215 Datasheet HTML 70Page - STMicroelectronics PM0215 Datasheet HTML 71Page - STMicroelectronics PM0215 Datasheet HTML 72Page - STMicroelectronics PM0215 Datasheet HTML 73Page - STMicroelectronics PM0215 Datasheet HTML 74Page - STMicroelectronics PM0215 Datasheet HTML 75Page - STMicroelectronics PM0215 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
Core peripherals
PM0215
72/91
Doc ID 022979 Rev 1
4.2.4
Interrupt set-pending register (ISPR)
Address offset: 0x0100
Reset value: 0x0000 0000
This register forces interrupts into pending state, and shows which interrupts are pending.
4.2.5
Interrupt clear-pending register (ICPR)
Address offset: 0x0180
Reset value: 0x0000 0000
Removes pending state from interrupts and shows which interrupts are pending.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SETPEND[31:16]
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
15
14
13
12
11
10
9
8
7
6
5
4321
0
SETPEND[15:0]
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
Bits 31:0 SETPEND: Interrupt set-pending bits
Write:
0: No effect
1: Changes interrupt state to pending
Read:
0: Interrupt is not pending
1: Interrupt is pending
Writing 1 to the ISPR bit corresponding to an interrupt that is pending:
–
has no effect.
Writing 1 to the ISPR bit corresponding to a disabled interrupt:
–
sets the state of that interrupt to pending.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
CLRPEND[31:16]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
15
14
13
12
11
10
9
8
7
6
5
4321
0
CLRPEND[15:0]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
Bits 31:0 CLRPEND: Interrupt clear-pending bits
Write:
0: No effect
1: Removes the pending state of an interrupt
Read:
0: Interrupt is not pending
1: Interrupt is pending
Writing 1 to an ICPR bit does not affect the active state of the corresponding interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com