Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 8Page - STMicroelectronics PM0215 Datasheet HTML 9Page - STMicroelectronics PM0215 Datasheet HTML 10Page - STMicroelectronics PM0215 Datasheet HTML 11Page - STMicroelectronics PM0215 Datasheet HTML 12Page - STMicroelectronics PM0215 Datasheet HTML 13Page - STMicroelectronics PM0215 Datasheet HTML 14Page - STMicroelectronics PM0215 Datasheet HTML 15Page - STMicroelectronics PM0215 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
The STM32 Cortex-M0 processor
PM0215
12/91
Doc ID 022979 Rev 1
2.1.3
Core registers
Figure 2.
Processor core registers
General-purpose registers
R0-R12 are 32-bit general-purpose registers for data operations.
Table 3.
Core register set summary
Name
Type(1)
1.
Describes access type during program execution in Thread and Handler modes. Debug access can differ.
Reset value
Description
R0-R12
read-write
Unknown
General-purpose registers on page 12
MSP
read-write
See description
Stack pointer (SP) register R13 on page 13
PSP
read-write
Unknown
Stack pointer (SP) register R13 on page 13
LR
read-write
Unknown
Link register (LR) register R14 on page 13
PC
read-write
See description
Program counter (PC) register R15 on page 13
PSR
read-write
Unknown(2)
2.
Bit[24] is the T-bit and is loaded from bit[0] of the reset vector.
Program status register on page 13
ASPR
read-write
Unknown
Application program status register on page 14
IPSR
read-only
0x00000000
Interrupt program status register on page 14
EPSR
read-only
Unknown(2)
Execution program status register on page 15
PRIMASK
read-write
0x00000000
Priority mask register on page 15
CONTROL
read-write
0x00000000
Control register on page 16
3URJUDP&RXQWHU
63 5
/5 5
3& 5
5
5
5
5
5
5
5
5
5
5
5
5
5
/RZUHJLVWHUV
+LJKUHJLVWHUV
063
363
&21752/
365
/LQN5HJLVWHU
6WDFN3RLQWHU
*HQHUDOSXUSRVHUHJLVWHUV
3URJUDP6WDWXV5HJLVWHU
&RQWURO5HJLVWHU
6SHFLDOUHJLVWHUV
35,0$6.
,QWHUUXSWPDVNUHJLVWHU
069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com