Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 79 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 75Page - STMicroelectronics PM0215 Datasheet HTML 76Page - STMicroelectronics PM0215 Datasheet HTML 77Page - STMicroelectronics PM0215 Datasheet HTML 78Page - STMicroelectronics PM0215 Datasheet HTML 79Page - STMicroelectronics PM0215 Datasheet HTML 80Page - STMicroelectronics PM0215 Datasheet HTML 81Page - STMicroelectronics PM0215 Datasheet HTML 82Page - STMicroelectronics PM0215 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
PM0215
Core peripherals
Doc ID 022979 Rev 1
79/91
Bit 27 PENDSVCLR: PendSV clear-pending bit. This bit is write-only. On a read, value is unknown.
0: No effect
1: Removes the pending state from the PendSV exception.
Bit 26 PENDSTSET: SysTick exception set-pending bit.
Write:
0: No effect
1: Change SysTick exception state to pending
Read:
0: SysTick exception is not pending
1: SysTick exception is pending
Bit 25 PENDSTCLR: SysTick exception clear-pending bit. Write-only. On a read, value is unknown.
0: No effect
1: Removes the pending state from the SysTick exception.
Bit 24:23 Reserved, must be kept cleared.
Bit 22 ISRPENDING: Interrupt pending flag, excluding NMI and Faults.
0: Interrupt not pending
1: Interrupt pending
Bits 21:18 Reserved, must be kept cleared.
Bits 17:12 VECTPENDING: Pending vector. Indicates the exception number of the highest priority
pending enabled exception.
0: No pending exceptions
Other values: The exception number of the highest priority pending enabled exception.
Bits 11:6 Reserved
Bits 5:0 VECTACTIVE Active vector. Contains the active exception number:
0: Thread mode
Other values: The exception number(1) of the currently active exception.
Note: Subtract 16 from this value to obtain CMSIS IRQ number required to index into the
Interrupt Clear-Enable, Set-Enable, Clear-Pending, Set-Pending, or Priority Registers,
see Table 6 on page 14.
1.
This is the same value as IPSR bits[5:0], see Interrupt program status register on page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com