| Electronic Components Datasheet Search |
|
PM0215 Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0215 Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 91 page ![]() PM0215 The STM32 Cortex-M0 processor Doc ID 022979 Rev 1 29/91 2.5.1 Entering sleep mode This section describes the mechanisms software can use to put the processor into sleep mode. The system can generate spurious wakeup events, for example a debug operation wakes up the processor. Therefore software must be able to put the processor back into sleep mode after such an event. A program might have an idle loop to put the processor back to sleep mode. Wait for interrupt The wait for interrupt instruction, WFI, causes immediate entry to sleep mode (unless the wake-up condition is true, see Wakeup from WFI or sleep-on-exit on page 29). When the processor executes a WFI instruction it stops executing instructions and enters sleep mode. See WFI on page 68 for more information. Wait for event The wait for event instruction, WFE, causes entry to sleep mode depending on the value of a one-bit event register. When the processor executes a WFE instruction, it checks the value of the event register: ● 0: the processor stops executing instructions and enters sleep mode ● 1: the processor clears the register to 0 and continues executing instructions without entering sleep mode. See WFE on page 67 for more information. If the event register is 1, this indicates that the processor must not enter sleep mode on execution of a WFE instruction. Typically, this is because an external event signal is asserted, or a processor in the system has executed an SEV instruction, see SEV on page 66. Software cannot access this register directly. Sleep-on-exit If the SLEEPONEXIT bit of the SCR is set to 1, when the processor completes the execution of an exception handler it returns to Thread mode and immediately enters sleep mode. Use this mechanism in applications that only require the processor to run when an exception occurs. 2.5.2 Wakeup from sleep mode The conditions for the processor to wakeup depend on the mechanism that cause it to enter sleep mode. Wakeup from WFI or sleep-on-exit Normally, the processor wakes up only when it detects an exception with sufficient priority to cause exception entry. Some embedded systems might have to execute system restore tasks after the processor wakes up, and before it executes an interrupt handler. To achieve this set the PRIMASK bit to 1. If an interrupt arrives that is enabled and has a higher priority than current exception priority, the processor wakes up but does not execute the interrupt handler until the processor sets PRIMASK to zero. For more information about PRIMASK see Exception mask registers on page 15. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |