Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 80 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 76Page - STMicroelectronics PM0215 Datasheet HTML 77Page - STMicroelectronics PM0215 Datasheet HTML 78Page - STMicroelectronics PM0215 Datasheet HTML 79Page - STMicroelectronics PM0215 Datasheet HTML 80Page - STMicroelectronics PM0215 Datasheet HTML 81Page - STMicroelectronics PM0215 Datasheet HTML 82Page - STMicroelectronics PM0215 Datasheet HTML 83Page - STMicroelectronics PM0215 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
Core peripherals
PM0215
80/91
Doc ID 022979 Rev 1
4.3.3
Application interrupt and reset control register (AIRCR)
Address offset: 0x0C
Reset value: 0xFA05 0000
The AIRCR provides endian status for data accesses and reset control of the system.
To write to this register, you must write 0x5FA to the VECTKEY field, otherwise the
processor ignores the write.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved(read)/ VECTKEY[15:0](write)
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4321
0
ENDIA
NESS
Reserved
SYS
RESET
REQ
VECT
CLR
ACTIVE
Reserv
ed
r
ww
Bits 31:16 Reserved / VECTKEY Register key
Reads as unknown
On writes, write 0x5FA to VECTKEY, otherwise the write is ignored.
Bit 15 ENDIANESS Data endianness bit
Reads as 0.
0: Little-endian
Bits 14:3 Reserved, must be kept cleared
Bit 2 SYSRESETREQ System reset request
Reads as 0.
0: No system reset request
1: Asserts a signal to the outer system that requests a reset.
Bit 1 VECTCLRACTIVE
Reserved for Debug use. This bit reads as 0. When writing to the register you must write 0 to
this bit, otherwise behavior is unpredictable.
Bit 0 Reserved, must be kept cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com