| Electronic Components Datasheet Search |
|
PM0215 Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0215 Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 91 page ![]() PM0215 The STM32 Cortex-M0 processor Doc ID 022979 Rev 1 13/91 Stack pointer (SP) register R13 In Thread mode, bit[1] of the CONTROL register indicates the stack pointer to use: ● 0: Main Stack Pointer (MSP)(reset value). On reset, the processor loads the MSP with the value from address 0x00000000. ● 1: Process Stack Pointer (PSP). Link register (LR) register R14 Stores return information for subroutines, function calls, and exceptions. On reset, the processor loads the LR value 0xFFFFFFFF. Program counter (PC) register R15 Contains the current program address. On reset, the processor loads the PC with the value of the reset vector, which is at address 0x00000004. Bit[0] of the value is loaded into the EPSR T-bit at reset and must be 1. Program status register The Program Status Register (PSR) combines: ● Application program status register (APSR) ● Interrupt program status register (IPSR) ● Execution program status register (EPSR) These registers are mutually exclusive bitfields in the 32-bit PSR. They can be accessed individually or as a combination of any two or all three registers, using the register name as an argument to the MSR or MRS instructions. For example: ● Read all of the registers using PSR with the MRS instruction ● Write to the APSR using APSR with the MSR instruction. Figure 3. APSR, IPSR and EPSR bit assignments Table 4. PSR register combinations and attributes Register Type Combination PSR read-write(1), (2) 1. The processor ignores writes to the IPSR bits. 2. Reads of the EPSR bits return zero, and the processor ignores writes to the these bits APSR, EPSR, and IPSR IEPSR read-only EPSR and IPSR IAPSR read-write(1) APSR and IPSR EAPSR read-write(2) APSR and EPSR 5HVHUYHG ([FHSWLRQQXPEHU 1=& 9 5HVHUYHG $365 ,365 (365 5HVHUYHG 5HVHUYHG 7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |