Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 313 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 313 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 309Page - STMicroelectronics RM0319 Datasheet HTML 310Page - STMicroelectronics RM0319 Datasheet HTML 311Page - STMicroelectronics RM0319 Datasheet HTML 312Page - STMicroelectronics RM0319 Datasheet HTML 313Page - STMicroelectronics RM0319 Datasheet HTML 314Page - STMicroelectronics RM0319 Datasheet HTML 315Page - STMicroelectronics RM0319 Datasheet HTML 316Page - STMicroelectronics RM0319 Datasheet HTML 317Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 368 page
background image
RM0319
Security co-processor (C3)
Doc ID 022640 Rev 3
313/368
END
The HMAC [MD5/SHA1] END instruction is 3 words long. This instruction is used to set the
Source Address Register for the HMAC key and the Destination Address Register for the
HMAC and to end the computation of the HMAC.
The second word represents the Source Address for the key, while the third word represents
the Destination Address for the HMAC.
Bits ‘aa’ in the above table are used to set the algorithm to use and have the same encoding
as in the INIT instruction (Table 110.).
Bits 15 to 0 in the first instruction word (cccc in Table 112.) represent the length in Bytes of
the key.
Bit ‘t’ in the above table is used to truncate the result to 96 bits.
HMAC CONTEXT instruction
The HMAC CONTEXT instruction is composed by 2 sub-instructions:
●
SAVE
●
RESTORE
SAVE
The HMAC CONTEXT SAVE instruction is 2 words long. This instruction is used to set the
Destination Address Register for the context and to save the full context.
The second word represents the Destination Address for the context.
Table 112.
HMAC END Instruction bit encoding
W#
Bit Encoding
1
xxxx 101a a10tx xxxx cccc cccc cccc cccc
2
32 bit Source Address for the key
3
32 bit Destination Address for the message
Bit 20
t
Truncate
1’b0
Full HMAC
1’b1
Truncated 96 bit HMAC
Table 113.
HMAC CONTEXT SAVE Instruction bit encoding
W#
Bit Encoding
1
xxxx 0111 10xx xxxx cccc cccc cccc cccc
2
32 bit Destination Address for the context



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com