Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 312 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 312 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 308Page - STMicroelectronics RM0319 Datasheet HTML 309Page - STMicroelectronics RM0319 Datasheet HTML 310Page - STMicroelectronics RM0319 Datasheet HTML 311Page - STMicroelectronics RM0319 Datasheet HTML 312Page - STMicroelectronics RM0319 Datasheet HTML 313Page - STMicroelectronics RM0319 Datasheet HTML 314Page - STMicroelectronics RM0319 Datasheet HTML 315Page - STMicroelectronics RM0319 Datasheet HTML 316Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 368 page
background image
Security co-processor (C3)
RM0319
312/368
Doc ID 022640 Rev 3
The first 3 instructions are used for computing the HMAC of a message and work in the
same way. The last one is used for saving and restoring the context.
HMAC [MD5/SHA1] instructions
Each HMAC [MD5/SHA1] instruction is composed by 3 sub-instructions:
●
INIT
●
APPEND
●
END
INIT
The HMAC [MD5/SHA1] INIT instruction is 2 words long. This instruction is used to set the
Function and the Source Address Register for the HMAC key.
Bits ‘aa’ in the above table are used to set the algorithm to use and have the same encoding
as in the HASH INIT instruction (Table 105.).
Bits 15 to 0 in the first instruction word (cccc in Table 110.) represent the length in Bytes of
the key.
APPEND
The HMAC [MD5/SHA1] APPEND instruction is 2 words long. This instruction is used to set
the Source Address Register for the message and to start the computation of the HMAC.
The length of the message is encoded in the first instruction word, while the second word
represents the Source Address for the message.
Bits ‘aa’ in the above table are used to set the algorithm to use and have the same encoding
as in the INIT instruction (Table 110.).
Bits 15 to 0 in the first instruction word (cccc in Table 111) represent the Count in Bytes of
the input message.
Note:
The state of the HASH channel should be saved after an HMAC-APPEND instruction, if a
consecutive HMAC-APPEND instruction is to be executed. The consecutive APPEND
instruction should be executed after restoring the previously saved state of the channel. If
this process is not followed, the HASH channel will not respond to any further instructions as
it will become non-operational.
Table 110.
HMAC INIT Instruction bit encoding
W#
Bit Encoding
1
xxxx 011a a00x xxxx cccc cccc cccc cccc
2
32 bit Source Address for the key
Table 111.
HMAC APPEND Instruction bit encoding
W#
Bit Encoding
1
xxxx 011a a01x xxxx cccc cccc cccc cccc
2
32 bit Source Address for the message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com