Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 309 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 309 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 305Page - STMicroelectronics RM0319 Datasheet HTML 306Page - STMicroelectronics RM0319 Datasheet HTML 307Page - STMicroelectronics RM0319 Datasheet HTML 308Page - STMicroelectronics RM0319 Datasheet HTML 309Page - STMicroelectronics RM0319 Datasheet HTML 310Page - STMicroelectronics RM0319 Datasheet HTML 311Page - STMicroelectronics RM0319 Datasheet HTML 312Page - STMicroelectronics RM0319 Datasheet HTML 313Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 368 page
background image
RM0319
Security co-processor (C3)
Doc ID 022640 Rev 3
309/368
Bit ‘a’ in the above table is used to set the operation to perform and has the same encoding
as in the ECB instruction (Table 101). Bits 15 to 0 in the first instruction word (cccc in Table
103.) represent the length in Bytes of the key.
28.4.4
Unified hash with HMAC channel
Unified HASH channel can compute MD5 and SHA-1 digests of a message, executing C3
Flow type instruction set's HASH [MD5/SHA1] instruction.
It can compute the HMAC of a message with MD5 and SHA-1, executing C3 Flow type
instruction set's HMAC [MD5/SHA1] instruction.
It can save and restore the internal context in order to allow the stop and the resume of the
computation, executing C3 Flow type instruction set's HASH [CONTEXT] and HMAC
[CONTEXT] instructions.
Instruction set
The UH Channel executes HASH [MD5/SHA1/CONTEXT] and HMAC
[MD5/SHA1/CONTEXT] instructions specified in the C3v3 flow type instruction set.
Instructions that do not conform to the following bit encodings are unknown to the UH
Channel that will go in error state.
HASH instruction
There are 3 different HASH instructions:
●
HASH MD5
●
HASH SHA1
●
HASH CONTEXT
The first 2 instructions are used for computing the digest of a message and work in the
same way. The last one is used for saving and restoring the context.
HASH [MD5/SHA1] instructions
Each HASH [MD5/SHA1] instruction is composed of 3 sub-instructions:
●
INIT
●
APPEND
●
END
INIT
The HASH [MD5/SHA1] INIT instruction is 1 word long. This instruction is used to set the
Function.
2
32 bit Source Address for the data
3
32 bit Destination Address for the data
Table 103.
AES CTR APPEND instruction bit encoding (continued)
W#
Bit Encoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com