Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 310 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 310 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 306Page - STMicroelectronics RM0319 Datasheet HTML 307Page - STMicroelectronics RM0319 Datasheet HTML 308Page - STMicroelectronics RM0319 Datasheet HTML 309Page - STMicroelectronics RM0319 Datasheet HTML 310Page - STMicroelectronics RM0319 Datasheet HTML 311Page - STMicroelectronics RM0319 Datasheet HTML 312Page - STMicroelectronics RM0319 Datasheet HTML 313Page - STMicroelectronics RM0319 Datasheet HTML 314Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 368 page
background image
Security co-processor (C3)
RM0319
310/368
Doc ID 022640 Rev 3
Bits ‘aa’ in the above table are used to set the algorithm to use:
Table 105.
HASH INIT Bit ‘aa’ encoding
APPEND
The HASH [MD5/SHA1] APPEND instruction is 2 words long. This instruction is used to set
the Source Address Register for the message and to start the computation of the digest.
The length of the message is encoded in the first instruction word, while the second word
represents the Source Address for the message.
Bits aa in the above table are used to set the algorithm to use and have the same encoding
as in the INIT instruction (Table 105.). Bits 15 to 0 in the first instruction word (cccc in Table
106.) represent the Count in Bytes of the input message.
END
The HASH [MD5/SHA1] END instruction is 2 words long. This instruction is used to set the
Destination Address Register for the message and to end the computation of the digest.
The second word represents the Destination Address for the digest.
Table 104.
HASH INIT Instruction bit encoding
W#
Bit Encoding
1
xxxx 000a a00x xxxx cccc cccc cccc cccc
Bit 24 to 23
aa
Algorithm
2’b00
MD5
2’b01
SHA-1
2’b10
Not Used
2’b11
Context (See CONTEXT instruction)
Table 106.
HASH APPEND Instruction bit encoding
W#
Bit Encoding
1
xxxx 010a a01x xxxx cccc cccc cccc cccc
2
32 bit Source Address for the message
Table 107.
HASH END Instruction bit encoding
W#
Bit Encoding
1
xxxx 010a a01t xxxx cccc cccc cccc cccc
2
32 bit Destination Address for the message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com