Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 307 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 307 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 303Page - STMicroelectronics RM0319 Datasheet HTML 304Page - STMicroelectronics RM0319 Datasheet HTML 305Page - STMicroelectronics RM0319 Datasheet HTML 306Page - STMicroelectronics RM0319 Datasheet HTML 307Page - STMicroelectronics RM0319 Datasheet HTML 308Page - STMicroelectronics RM0319 Datasheet HTML 309Page - STMicroelectronics RM0319 Datasheet HTML 310Page - STMicroelectronics RM0319 Datasheet HTML 311Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 368 page
background image
RM0319
Security co-processor (C3)
Doc ID 022640 Rev 3
307/368
CBC
The AES START CBC instruction is 3 words long. This instruction is used to set the key and
the initialization vector for the following operations. The length of the key is encoded in the
first instruction word, the second word represents the Source Address for the key and the
third word represents the Source Address for the Initialization Vector.
Bit ‘a’ in the above table is used to set the operation to perform and has the same encoding
as in the ECB instruction (Table 97). Bits 15 to 0 in the first instruction word (cccc in
Table 99) represent the length in Bytes of the key.
CTR
The AES START CTR instruction is 3 words long. This instruction is used to set the key and
the initialization vector for the following operations. The length of the key is encoded in the
first instruction word, while the second word represents the Source Address for the key.
Bit ‘a’ in the above table is used to set the operation to perform and has the same encoding
as in the ECB instruction (Table 98). Bits 15 to 0 in the first instruction word (cccc in
Table 100) represent the length in Bytes of the key.
AES APPEND instruction
The AES APPEND instruction can be applied with 3 different modes of operation:
●
ECB
●
CBC
●
CTR
ECB
The AES APPEND ECB instruction is 3 words long. This instruction is used for passing the
data to process (encrypt or decrypt). The length of the data to process is encoded in the first
instruction word, the second word represents the Source Address and the third word
represents the Destination Address.
Table 99.
AES CBC START instruction bit encoding
W#
Bit Encoding
1
xxxx 10xa 001x xxxx cccc cccc cccc cccc
2
32 bit Source Address for the key
3
32 bit Source Address for the IV
Table 100.
AES CTR START instruction bit encoding
W#
Bit Encoding
1
xxxx 10xa 010x xxxx cccc cccc cccc cccc
2
32 bit Source Address for the key
3
32 bit Source Address for the IV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com