Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 304 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 304 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 300Page - STMicroelectronics RM0319 Datasheet HTML 301Page - STMicroelectronics RM0319 Datasheet HTML 302Page - STMicroelectronics RM0319 Datasheet HTML 303Page - STMicroelectronics RM0319 Datasheet HTML 304Page - STMicroelectronics RM0319 Datasheet HTML 305Page - STMicroelectronics RM0319 Datasheet HTML 306Page - STMicroelectronics RM0319 Datasheet HTML 307Page - STMicroelectronics RM0319 Datasheet HTML 308Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 368 page
background image
Security co-processor (C3)
RM0319
304/368
Doc ID 022640 Rev 3
Bit ‘a’ in the above table is used to set the algorithm to use:
Bit ‘b’ in the above table is used to set the operation to perform:
Bits 15 to 0 in the first instruction word (cccc in the above table) represent the length in
Bytes of the key.
CBC
The DES START CBC instruction is 3 words long. This instruction is used to set the key and
the initialization vector for the following operations. The length of the key is encoded in the
first instruction word, the second word represents the Source Address for the key and the
third word represents the Source Address for the Initialization Vector.
Bits ‘a’ and ‘b’ in the above table are used to set the algorithm and the operation to perform
and have the same encoding as in the ECB instruction. Bits 15 to 0 in the first instruction
word (cccc in the above table) represent the length in Bytes of the key.
DES APPEND instruction
The DES APPEND instruction can be applied with 2 different modes of operation:
●
ECB
●
CBC
ECB
The DES APPEND ECB instruction is 3 words long. This instruction is used for passing the
data to process (encrypt or decrypt). The length of the data to process is encoded in the first
Table 92.
DES ECB bit ‘a’ encoding
Bit 25
a
Operation
0DES
13DES
Table 93.
DES ECB bit ‘b’ encoding
Bit 24
b
Operation
0Encryption
1
Decryption
Table 94.
DES CBC START Instruction Bit Encoding
W#
Bit Encoding
1
xxxx 10ab 001x xxxx cccc cccc cccc cccc
2
32 bit Source Address for the key
3
32 bit Source Address for the IV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com