Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 302 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 302 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 298Page - STMicroelectronics RM0319 Datasheet HTML 299Page - STMicroelectronics RM0319 Datasheet HTML 300Page - STMicroelectronics RM0319 Datasheet HTML 301Page - STMicroelectronics RM0319 Datasheet HTML 302Page - STMicroelectronics RM0319 Datasheet HTML 303Page - STMicroelectronics RM0319 Datasheet HTML 304Page - STMicroelectronics RM0319 Datasheet HTML 305Page - STMicroelectronics RM0319 Datasheet HTML 306Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 368 page
background image
Security co-processor (C3)
RM0319
302/368
Doc ID 022640 Rev 3
28.4
Operation
This section outlines the main steps involved in setting up C3 for processing.
●
The host processor creates a program and stores it in memory.
●
The program contains C3 instructions and their arguments (usually pointers to data
buffers in system memory).
●
The host processor writes the base address of the program in the Instruction Pointer
Register of one of the Instruction Dispatcher (ID).
●
Instruction Dispatchers (IDs) work independently from each other and each ID can
handle a C3 instruction flow.
●
From the system/software standpoint, each logical device (associated to an Instruction
Dispatcher) can be managed by an independent software task, which is to say that a
C3 with 4 dispatchers is equivalent to 4 logical co-processors.
●
The selected Instruction Dispatcher starts fetching the program from system memory
and fills its instruction queue. It then process the instruction flow sequentially, one
instruction at a time.
●
The ID either executes the instruction itself (in case of Flow Type instruction) or it
dispatches the instruction to the specified channel (in case of application specific
instruction).
●
The channel executes the instruction
●
The channel generally performs DMA access request for reading input data and
parameters from system memory, but it may be set-up to receive data from another
channel.
●
The channel Core block (CB) performs the actual data processing, which is specific to
the implemented algorithm.
●
The channel generally then performs DMA access request for writing the output data to
system memory, but it may be set-up to send data to another channel too.
●
When the ID hits the end of program it signals completion by rising an interrupt
●
Interrupt generation may be disabled, in which case polling by the host processor of the
C3 status register can be used to determine the end of processing.
28.4.1
Channel ID
Each Channel/Version is assigned a unique 32 bit Identifier that can be read in the Channel
ID register of each channel.
The upper 8 bit of the Channel ID are reserved for specific organizations. In order to
manage the situation in which different versions of the same channel are developed by
different company organizations the organization specific bit indicates which organization is
in charge of maintaining the corresponding version of the channel. In the device, the bit
mask to be used for retrieving this ID is 0x8000_0000.
Table 90.
Channel ID Table
Channel
No.
Channel Name
Function
Type
Channel ID
0
EMPTY_CNL
No channel
-
-
1
DES_CNL
DES/3DES algorithm (ECB,
CBC modes)
Cryptography
0x00002000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com