Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 303 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 303 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 299Page - STMicroelectronics RM0319 Datasheet HTML 300Page - STMicroelectronics RM0319 Datasheet HTML 301Page - STMicroelectronics RM0319 Datasheet HTML 302Page - STMicroelectronics RM0319 Datasheet HTML 303Page - STMicroelectronics RM0319 Datasheet HTML 304Page - STMicroelectronics RM0319 Datasheet HTML 305Page - STMicroelectronics RM0319 Datasheet HTML 306Page - STMicroelectronics RM0319 Datasheet HTML 307Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 368 page
background image
RM0319
Security co-processor (C3)
Doc ID 022640 Rev 3
303/368
28.4.2
DES channel
This Channel can compute DES and 3DES encryption and decryption in ECB and CBC
mode; executing C3 Flow type DES [START/APPEND] instruction.
Instruction set
The DES Channel executes DES [START/APPEND] ENCRYPT and DES [START/APPEND]
DECRYPT instructions. Instructions that do not conform to the following bit encodings are
unknown to the DES Channel that will go in error state.
DES instructions
There are 2 different DES instructions:
●
DES START
●
DES APPEND
The first instruction is used for setting the operation parameters, such as the key and the
initialization vector. The second one is used for passing the data to encrypt or decrypt.
DES START instruction
The DES START instruction can be applied with 2 different modes of operation:
●
ECB
●
CBC
ECB
The DES START ECB instruction is 2 words long. This instruction is used to set the key for
the following operations. The length of the key is encoded in the first instruction word, while
the second word represents the Source Address for the key.
2
AES_CNL
AES algorithm (ECB, CBC, CTR
modes)
Cryptography
0x00003000
3
UH_CNL
SHA-1/MD5 + HMAC algorithms Cryptography
0x00004002
4
EMPTY_CNL
No Channel
-
-
5
EMPTY_CNL
No Channel
-
-
6
EMPTY_CNL
No Channel
-
-
7
EMPTY_CNL
No Channel
-
-
Table 90.
Channel ID Table (continued)
Channel
No.
Channel Name
Function
Type
Channel ID
Table 91.
DES ECB start instruction bit encoding
W#
Bit Encoding
1
xxxx01ab 000x xxxx cccc cccc cccc cccc
2
(32 bit Source Address for the key)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com