Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 305 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 305 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 301Page - STMicroelectronics RM0319 Datasheet HTML 302Page - STMicroelectronics RM0319 Datasheet HTML 303Page - STMicroelectronics RM0319 Datasheet HTML 304Page - STMicroelectronics RM0319 Datasheet HTML 305Page - STMicroelectronics RM0319 Datasheet HTML 306Page - STMicroelectronics RM0319 Datasheet HTML 307Page - STMicroelectronics RM0319 Datasheet HTML 308Page - STMicroelectronics RM0319 Datasheet HTML 309Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 368 page
background image
RM0319
Security co-processor (C3)
Doc ID 022640 Rev 3
305/368
instruction word, the second word represents the Source Address and the third word
represents the Destination Address.
Bit a in the above table is used to set the algorithm to use:
Bit b in the above table is used to set the operation to perform:
Bits 15 to 0 in the first instruction word (cccc in the above table) represent the length in
Bytes of the data to be processed.
CBC
The DES APPEND CBC instruction is 3 words long. This instruction is used for passing the
data to process (encrypt or decrypt). The length of the data to process is encoded in the first
instruction word, the second word represents the Source Address and the third word
represents the Destination Address.
Bits ‘a’ and ‘b’ in the above table are used to set the algorithm and the operation to perform
and have the same encoding as in the ECB instruction (Table 92. and Table 93.). Bits 15 to 0
in the first instruction word (cccc in Table 96.) represent the length in Bytes of the key.
Table 95.
DES ECB APPEND Instruction bit encoding
W#
Bit Encoding
1
xxxx 10ab 100x xxxx cccc cccc cccc cccc
2
32 bit Source Address for the data
3
32 bit Destination Address for the data
Bit 25
a
Operation
0DES
13DES
Bit 24
b
Operation
0
Encryption
1Decryption
Table 96.
DES CBC Append Instruction Bit Encoding
W#
Bit Encoding
1
xxxx 10ab 101x xxxx cccc cccc cccc cccc
2
32 bit Source Address for the data
3
32 bit Destination Address for the data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com