Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 306 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 306 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 302Page - STMicroelectronics RM0319 Datasheet HTML 303Page - STMicroelectronics RM0319 Datasheet HTML 304Page - STMicroelectronics RM0319 Datasheet HTML 305Page - STMicroelectronics RM0319 Datasheet HTML 306Page - STMicroelectronics RM0319 Datasheet HTML 307Page - STMicroelectronics RM0319 Datasheet HTML 308Page - STMicroelectronics RM0319 Datasheet HTML 309Page - STMicroelectronics RM0319 Datasheet HTML 310Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 368 page
background image
Security co-processor (C3)
RM0319
306/368
Doc ID 022640 Rev 3
28.4.3
AES channel
This channel computes AES encryption and decryption in ECB, CTR and CBC mode;
executing C3 Flow type instruction set.
Instruction set
The AES Channel executes AES [START/APPEND] ENCRYPT and AES [START/APPEND]
DECRYPT instructions specified in the C3v3 flow type instruction set v2.1 document
[ISv2.1]. Instructions that do not conform to the following bit encodings or to [ISv2.1] are
unknown to the AES Channel that will go in error state.
AES instructions
There are 2 different AES instructions:
●
AES START
●
AES APPEND
The first instruction is used for setting the operation parameters, such as the key and the
initialization vector. The second one is used for passing the data to encrypt or decrypt.
AES START instruction
The AES START instruction can be applied with 3 different modes of operation:
●
ECB
●
CBC
●
CTR
ECB
The AES START ECB instruction is 2 words long. This instruction is used to set the key for
the following operations. The length of the key is encoded in the first instruction word, while
the second word represents the Source Address for the key.
Bit ‘a’ in the above table is used to set the operation to perform:
Bits 15 to 0 in the first instruction word (cccc in Table 96.) represent the length in Bytes of
the key.
Table 97.
AES ECB START instruction bit encoding
W#
Bit Encoding
1
xxxx 01xa 000x xxxx cccc cccc cccc cccc
2
32 bit Source Address for the key
Table 98.
AES ECB Bit ‘a’ encoding
Bit #24 - a
Operation
0DES
13DES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com