Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 308 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 308 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 304Page - STMicroelectronics RM0319 Datasheet HTML 305Page - STMicroelectronics RM0319 Datasheet HTML 306Page - STMicroelectronics RM0319 Datasheet HTML 307Page - STMicroelectronics RM0319 Datasheet HTML 308Page - STMicroelectronics RM0319 Datasheet HTML 309Page - STMicroelectronics RM0319 Datasheet HTML 310Page - STMicroelectronics RM0319 Datasheet HTML 311Page - STMicroelectronics RM0319 Datasheet HTML 312Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 368 page
background image
Security co-processor (C3)
RM0319
308/368
Doc ID 022640 Rev 3
Bit ‘a’ in the above table is used to set the operation to perform.
Bits 15 to 0 in the first instruction word (cccc in Table 101) represent the length in Bytes of
the data to be processed.
CBC
The AES APPEND CBC instruction is 3 words long. This instruction is used for passing the
data to process (encrypt or decrypt). The length of the data to process is encoded in the first
instruction word, the second word represents the Source Address and the third word
represents the Destination Address.
Bit ‘a’ in the above table is used to set the operation to perform and has the same encoding
as in the ECB instruction (Table 101). Bits 15 to 0 in the first instruction word (cccc in
Table 102) represent the length in Bytes of the key.
CTR
The AES APPEND CTR instruction is 3 words long. This instruction is used for passing the
data to process (encrypt or decrypt). The length of the data to process is encoded in the first
instruction word, the second word represents the Source Address and the third word
represents the Destination Address.Address.
Table 101.
AES ECB APPEND instruction bit encoding
W#
Bit Encoding
1
xxxx 10xa 100x xxxx cccc cccc cccc cccc
2
32 bit Source Address for the data
3
32 bit Destination Address for the data
Bit 24
Description
aOperation
0
Encryption
1Decryption
Table 102.
AES CBC APPEND instruction bit encoding
W#
Bit Encoding
1
xxxx 10xa 101x xxxx cccc cccc cccc cccc
2
32 bit Source Address for the data
3
32 bit Destination Address for the data
Table 103.
AES CTR APPEND instruction bit encoding
W#
Bit Encoding
1
xxxx 10xa 110x xxxx cccc cccc cccc cccc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com