Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 52 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 48Page - STMicroelectronics UM1865 Datasheet HTML 49Page - STMicroelectronics UM1865 Datasheet HTML 50Page - STMicroelectronics UM1865 Datasheet HTML 51Page - STMicroelectronics UM1865 Datasheet HTML 52Page - STMicroelectronics UM1865 Datasheet HTML 53Page - STMicroelectronics UM1865 Datasheet HTML 54Page - STMicroelectronics UM1865 Datasheet HTML 55Page - STMicroelectronics UM1865 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 132 page
background image
Vendor specific commands
UM1865
52/132
DocID027514 Rev 1
4.3.28
Aci_Gap_Start_General_Conn_Establishment
Start a general connection establishment procedure. The host enables scanning in the
controller with the scanner filter policy set to “accept all advertising packets” and from the
scanning results, all the devices are sent to the upper layer using the event
LE_Advertising_Report. The upper layer then has to select one of the devices to which it
wants to connect by issuing the command Aci_Gap_Create_Connection. If privacy is
enabled, then either a private resolvable address or a non resolvable address, based on the
address type specified in the command is set as the scanner address but the gap create
connection always uses a private resolvable address if the general connection
establishment procedure is active..
Table 89. Aci_Gap_Start_General_Conn_Establishment
Command name
Parameters
Return
Aci_Gap_Start_General_Conn_Establishment
(0xFC9A)
Scan_Type
Scan_Interval
Scan_Window
Own_Address_Type
filterDuplicates
Status
Table 90. Aci_Gap_Start_General_Conn_Establishment command parameters
Parameter
Size
Description
Scan_Type
1 byte
0x00: Passive scanning
0x01: Active scanning
Scan_Interval
2 bytes
Time interval from when the controller started its last LE scan
until it begins the subsequent LE scan. The scan interval should
be a number in the range 0x0004 to 0x4000. This corresponds to
a time range 2.5 msec to 10240 msec. For a number N, Time = N
* 0.625 msec.
Scan_Window
2 bytes
Amount of time for the duration of the LE scan. Scan_Window
shall be less than or equal to Scan_Interval. The scan window
should be a number in the range 0x0004 to 0x4000. This
corresponds to a time range 2.5 msec to 10240 msec. For a
number N, Time = N * 0.625 msec.
Own_Address_Type
1 byte
If Privacy is disabled, then the scanner address should be set as
0x00: Public Device address (default)
0x01: Random Device Address
If Privacy is enabled, then the scanner address should be set as-
0x02 : Private Resolvable address
0x03 : Non Resolvable Address
filterDuplicates
1 byte
0x00: Do not filter the duplicates (default)
0x01: Filter duplicates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com