Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 64 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 60Page - STMicroelectronics UM1865 Datasheet HTML 61Page - STMicroelectronics UM1865 Datasheet HTML 62Page - STMicroelectronics UM1865 Datasheet HTML 63Page - STMicroelectronics UM1865 Datasheet HTML 64Page - STMicroelectronics UM1865 Datasheet HTML 65Page - STMicroelectronics UM1865 Datasheet HTML 66Page - STMicroelectronics UM1865 Datasheet HTML 67Page - STMicroelectronics UM1865 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 132 page
background image
Vendor specific commands
UM1865
64/132
DocID027514 Rev 1
4.3.37
Aci_Gap_Start_Observation_Proc
Description:
Starts an Observation procedure, when the device is in Observer Role. The host enables
scanning in the controller. The advertising reports are sent to the upper layer using standard
LE Advertising Report Event. See Bluetooth Core v4.1, Vol. 2, part E, Ch. 7.7.65.2, LE
Advertising Report Event.
Command Parameters:
Table 115. Aci_Gap_Start_Observation_Proc
Command name
Parameters
Return
Aci_Gap_Start_Observation_Proc
(0xFCA2)
Scan_Type
Scan_Interval
Scan_Window
Own_Address_Type
filterDuplicates
Status
Table 116. Aci_Gap_Start_Observation_Proc commands parameters
Parameter
Size
Description
Scan_Interval
2 bytes
Time interval from when the Controller started its last LE
scan until it begins the subsequent LE scan. The scan
interval should be a number in the range 0x0004 to
0x4000. This corresponds to a time range 2.5 msec to
10240 msec. For a number N, Time = N * 0.625 msec.
Scan_Window
2 bytes
Amount of time for the duration of the LE scan.
Scan_Window shall be less than or equal to
Scan_Interval. The scan window should be a number in
the range 0x0004 to 0x4000. This corresponds to a time
range 2.5 msec to 10240 msec. For a number N, Time = N
* 0.625 msec.
Scan_Type
1 byte
0x00: Passive scanning
0x01: Active scanning
Own_Address_Type
1 byte
If Privacy is disabled, then the scanner address is set as-
0x00: Public Device address (default)
0x01: Random Device Address
If Privacy is enabled, then the scanner address is set as-
0x02 : Private Resolvable address
0x03 : Non Resolvable Address
filterDuplicates
1 byte
0x00: Do not filter the duplicates (default)
0x01: Filter duplicates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com