Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 25Page - STMicroelectronics UM1865 Datasheet HTML 26Page - STMicroelectronics UM1865 Datasheet HTML 27Page - STMicroelectronics UM1865 Datasheet HTML 28Page - STMicroelectronics UM1865 Datasheet HTML 29Page - STMicroelectronics UM1865 Datasheet HTML 30Page - STMicroelectronics UM1865 Datasheet HTML 31Page - STMicroelectronics UM1865 Datasheet HTML 32Page - STMicroelectronics UM1865 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 132 page
background image
DocID027514 Rev 1
29/132
UM1865
Vendor specific commands
132
4.3.6
Aci_Gap_Set_Direct_Connectable
Description:
Set the device in direct connectable mode (as defined in GAP specification Volume 3,
Section 9.3.3). Device uses direct connectable mode to advertise using either High Duty
cycle advertisement events or Low Duty cycle advertisement events and the address as
what is specified in the Own Address Type parameter. The Advertising Type parameter in
the command specifies the type of the advertising used.
The device will be in directed connectable mode only for 1.28 seconds. If no connection is
established within this duration, the device enters non discoverable mode and advertising
will have to be again enabled explicitly.
Event(s) generated:
When the command has completed, the controller will generate a command complete
event. The controller also generates a LE_Connection_Complete event with the status set
Table 26. Aci_Gap_Set_Direct_Connectable
Command name
Parameters
Return
Aci_Gap_Set_Direct_Connectable (0xFC84)
Own_Address_Type
Advertising Type
Initiator_Address_Type
Initiator_Direct_Address
Status
Table 27. Aci_Gap_Set_Direct_Connectable command parameters
Parameter
Size
Description
Own_Address_Type
1 byte
0x00: Public device address (default)
0x01: Random device address
Advertising Type
1 byte
The advertising type
0x01 : High Duty Cycle directed Advertising
0x04 : Low Duty Cycle directed Advertising
Initiator_Address_Type
1 byte
0x00: Public device address (default)
0x01: Random device address
Initiator_Direct_Address
6 bytes
Initiator Bluetooth address
Table 28. Aci_Gap_Set_Direct_Connectable return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x42: Invalid parameter
0x0C: Command disallowed
0x11: Unsupported feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com