Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 72 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 68Page - STMicroelectronics UM1865 Datasheet HTML 69Page - STMicroelectronics UM1865 Datasheet HTML 70Page - STMicroelectronics UM1865 Datasheet HTML 71Page - STMicroelectronics UM1865 Datasheet HTML 72Page - STMicroelectronics UM1865 Datasheet HTML 73Page - STMicroelectronics UM1865 Datasheet HTML 74Page - STMicroelectronics UM1865 Datasheet HTML 75Page - STMicroelectronics UM1865 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 132 page
background image
Vendor specific commands
UM1865
72/132
DocID027514 Rev 1
Event(s) generated:
When the Aci_Gatt_Add_Service command is completed, controller will generate a
command complete event with status and handle for the service as parameters.
4.5.4
Aci_Gatt_Include_Service
Description:
Include a service given by Service_Include_Handle to another service given by
Service_Handle. Attribute server creates an INCLUDE definition attribute and return the
handle of this in command complete event as Included_Handle.
Service_Type
1 byte
0x01: Primary service
0x02: Secondary service
Max_Attribute_ Records
1 byte
Maximum number of attribute records that can be added
to this service
Table 132. Aci_Gatt_Add_Service return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x47: Error
0x1F: Out of memory
0x61: Invalid parameter
0x62: Out of handle
0x64: Insufficient resources
Service handle
2 bytes
Handle of the Service
When this service is added to the service, a handle is allocated
by the server to this service. Also server allocates a range of
handles for this service from Service_Handle to (Service_Handle
+ Max_Attribute_Records)
Table 131. Aci_Gatt_Add_Service command parameters (continued)
Parameter
Size
Description
Table 133. Aci_Gatt_Include_Service
Command name
Parameters
Return
Aci_Gatt_Include_Service (0xFD03)
Service_Handle
Include_Start_Handle
Include_End_Handle
Included_Uuid_Type
Included_Uuid
Status
Included handle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com