Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 76 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 72Page - STMicroelectronics UM1865 Datasheet HTML 73Page - STMicroelectronics UM1865 Datasheet HTML 74Page - STMicroelectronics UM1865 Datasheet HTML 75Page - STMicroelectronics UM1865 Datasheet HTML 76Page - STMicroelectronics UM1865 Datasheet HTML 77Page - STMicroelectronics UM1865 Datasheet HTML 78Page - STMicroelectronics UM1865 Datasheet HTML 79Page - STMicroelectronics UM1865 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 132 page
background image
Vendor specific commands
UM1865
76/132
DocID027514 Rev 1
Table 140. Aci_Gatt_Add_Char_Desc command parameters
Parameter
Size
Description
Service_Handle
2 bytes
Handle of the service to which characteristic
belongs
Char_Handle
2 bytes
Handle of the characteristic to which description is
to be added.
Char_Desc_UUID type
1 byte
0x01: 16-bit UUID (default)
0x02: 128-bit UUID
Char_Desc_UUID
2 bytes or
16 bytes
0x2900: Characteristic Extended Properties
Descriptor
0x2901: Characteristic User Descriptor
0x2902: Client configuration descriptor
0x2903: Server configuration descriptor
0x2904: Characteristic presentation format
0x2905: Characteristic aggregated format
0xXXXX: 16/128 bit user specific descriptor
Char_Desc_Value_Max_Length 1 byte
The maximum length of the descriptor value
Char_Desc_Value_Length
1 byte
Current Length of the characteristic descriptor value
Char_Desc_Value
0-N Bytes
Value of the characteristic description
Security_Permissions
1 byte
0x00: No security permission
0x01: Authentication required
0x02: Authorization required
0x04: Encryption required
Access_Permissions
1 byte
0x00: No Access
0x01: Readable
0x02: Writable
0x03: Read/Write
Gatt_Event_Mask
1 byte
0x01: GATT_SERVER_ATTR_WRITE
The application will be notified when a client writes
to this attribute
0x02:
GATT_INTIMATE_AND_WAIT_FOR_APPL_AUTH
The application will be notified when a write
request/write cmd/signed write cmd is received by
the server for this attribute
0x04:
GATT_INTIMATE_APPL_WHEN_READ_N_WAIT
The application will be notified when a read request
of any type is got for this attribute
Encryption_Key_Size
1 byte
The minimum encryption key size requirement for
this attribute. Valid Range: 7 to 16
isVariable
1 byte
0x00: The attribute has a fixed length value field
0x01: The attribute has a variable length value field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com