Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 14Page - STMicroelectronics UM1865 Datasheet HTML 15Page - STMicroelectronics UM1865 Datasheet HTML 16Page - STMicroelectronics UM1865 Datasheet HTML 17Page - STMicroelectronics UM1865 Datasheet HTML 18Page - STMicroelectronics UM1865 Datasheet HTML 19Page - STMicroelectronics UM1865 Datasheet HTML 20Page - STMicroelectronics UM1865 Datasheet HTML 21Page - STMicroelectronics UM1865 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 132 page
background image
Vendor specific commands
UM1865
18/132
DocID027514 Rev 1
Event(s) generated:
A command status event on the receipt of the command and a
Evt_Blue_L2CAP_Conn_Upd_Resp event when the master responds to the request
(accepts or rejects).
4.2.3
Aci_L2CAP_Connection_Parameter_Update_Response
Description:
This command should be sent in response to the
Evt_Blue_L2CAP_Connection_Update_Req event from the controller. The accept
parameter has to be set to1 if the connection parameters given in the event are acceptable.
Table 9. Aci_L2CAP_Connection_Parameter_Update_Requests return parameters
Parameter
Size
Description
Status
1 byte
0x0: connection parameter accepted
0x1: connection parameter rejected
Table 10. Aci_L2CAP_Connection_Parameter_Update_Response
Command name
Parameters
Return
Aci_L2CAP_Connection_Parameter_Update_Response
(0xFD82)
Conn_Handle
Conn_Interval_Min
Conn_Interval_Max
Conn_Latency
Timeout Multiplier
Min CE length
Max CE length
Identifier
Accept
Status
Table 11. Aci_L2CAP_Connection_Parameter_Update_Response command
parameters
Parameter
Size
Description
Conn_Handle
2 bytes
Handle received in Evt_Blue_L2CAP_Connection_Update_Req
event.
Min connection
Interval
2 bytes
The connection interval parameter as received in the l2cap
connection update request event
Max connection
Interval
2 bytes
The maximum connection interval parameter as received in the
l2cap connection update request event.
latency
2 bytes
The slave latency parameter as received in the l2cap connection
update request event.
Timeout Multiplier
2 bytes
The supervision connection timeout parameter as received in the
l2cap connection update request event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com