Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 28Page - STMicroelectronics UM1865 Datasheet HTML 29Page - STMicroelectronics UM1865 Datasheet HTML 30Page - STMicroelectronics UM1865 Datasheet HTML 31Page - STMicroelectronics UM1865 Datasheet HTML 32Page - STMicroelectronics UM1865 Datasheet HTML 33Page - STMicroelectronics UM1865 Datasheet HTML 34Page - STMicroelectronics UM1865 Datasheet HTML 35Page - STMicroelectronics UM1865 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 132 page
background image
Vendor specific commands
UM1865
32/132
DocID027514 Rev 1
Event(s) generated:
When the command has completed, the controller will generate a command complete
event.
4.3.9
Aci_Gap_Set_Author_Requirement
Description:
Set the authorization requirements of the device. This command has to be given only when
the device is not in a connected state.
Event(s) generated:
When the command has completed, the controller will generate a command complete
event.
Table 34. Aci_Gap_Set_Auth_Requirement return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x42: Invalid parameter
0x0C: Command Disallowed
0x11: Unsupported Feature
Table 35. Aci_Gap_Set_Author_Requirement
Command name
Parameters
Return
Aci_Gap_Set_Author_Requirement (0xFC87)
Connection handle
Authorization enable
Status
Table 36. Aci_Gap_Set_Author_Requirement command parameters
Parameter
Size
Description
Connection handle
2 bytes
Handle of the connection in case BlueNRG-MS is configured as
a master (otherwise it can be also 0).
Authorization
enable
1 byte
0x00: Authorization not required (default)
0x01: Authorization required. This enables the authorization in
the device and when a remote device tries to connect to GATT
server, Evt_Blue_Gap_Authorization_Request event will be sent
to the host in this case
Table 37. Aci_Gap_Set_Author_Requirement return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x42: Invalid parameter
0x0C: Command disallowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com