Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 69 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 65Page - STMicroelectronics UM1865 Datasheet HTML 66Page - STMicroelectronics UM1865 Datasheet HTML 67Page - STMicroelectronics UM1865 Datasheet HTML 68Page - STMicroelectronics UM1865 Datasheet HTML 69Page - STMicroelectronics UM1865 Datasheet HTML 70Page - STMicroelectronics UM1865 Datasheet HTML 71Page - STMicroelectronics UM1865 Datasheet HTML 72Page - STMicroelectronics UM1865 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 132 page
background image
DocID027514 Rev 1
69/132
UM1865
Vendor specific commands
132
4.4.8
Evt_Blue_Gap_Addr_Not_Resolved
This event is sent only by a privacy enabled Peripheral. The event is sent to the
upper layers when the peripheral is unsuccessful in resolving the resolvable
address of the peer device after connecting to it.
4.5
GATT VS commands and events
4.5.1
GATT VS commands
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x41: BLE_STATUS_FAILED
0x05: ERR_AUTH_FAILURE, Procedure failed due to
authentication requirements
Procedure_Specific_
Data
1 or more
bytes
Procedure Aci_Gap_Name_Discovery_Proc:
The name of the peer device if the procedure completed
successfully
Procedure Aci_Gap_General_Conn_Establishment_Proc:
The reconnection address written to the peripheral device if the
peripheral is privacy enabled
Table 125. Evt_Blue_Gap_Procedure_Complete (continued)
Parameter
Size
Description
Table 126. Evt_Blue_Gap_Addr_Not_Resolved
Parameter
Size
Description
Event Code
2 bytes
0x0408
Connection Handle
2 bytes
Connection handle for which the private address could not
be resolved with any of the stored IRK's.
Table 127. GATT VS commands
Item
Command
CGID
CID
OpCode
1
Aci_Gatt_Init
0x02
0x01
0xFD01
2
Aci_Gatt_Add_Service
0x02
0x02
0xFD02
3
Aci_Gatt_Include_Service
0x02
0x03
0xFD03
4
Aci_Gatt_Add_Characteristic
0x02
0x04
0xFD04
5
Aci_Gatt_Add_Char_Desc
0x02
0x05
0xFD05
6
Aci_Gatt_Update_Char_Value
0x02
0x06
0xFD06
7
Aci_Gatt_Del_Characteristic
0x02
0x07
0xFD07
8
Aci_Gatt_Del_Service
0x02
0x08
0xFD08
9
Aci_Gatt_Del_Include_Service
0x02
0x09
0xFD09
10
Aci_Gatt_Set_Event_Mask
0x02
0x0A
0xFD0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com