Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 18Page - STMicroelectronics UM1865 Datasheet HTML 19Page - STMicroelectronics UM1865 Datasheet HTML 20Page - STMicroelectronics UM1865 Datasheet HTML 21Page - STMicroelectronics UM1865 Datasheet HTML 22Page - STMicroelectronics UM1865 Datasheet HTML 23Page - STMicroelectronics UM1865 Datasheet HTML 24Page - STMicroelectronics UM1865 Datasheet HTML 25Page - STMicroelectronics UM1865 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 132 page
background image
Vendor specific commands
UM1865
22/132
DocID027514 Rev 1
4.3
GAP VS commands and events
4.3.1
Overview
There are 4 GAP roles defined for LE devices:
 Broadcaster: Broadcaster is a device that sends advertising events. Broadcaster shall
have a transmitter and can optionally have a receiver.
 Observer: In observer role device receives the advertising events. An observer shall have
a receiver and can optionally have a transmitter.
 Peripheral: Any device that accepts the establishment of LE physical link is referred as
peripheral. A device operating in peripheral role will be slave in LL connection state. A
peripheral shall have both a transmitter and receiver.
 Central: A device that initiates the establishment of LE physical link is referred as central
device. A device operating in central role will be master in LL connection state. A central
shall have both a transmitter and receiver.
BlueNRG-MS is capable of being the peripheral or central in the GAP profile context
because:
 BlueNRG-MS controller is capable of acting as a slave in a connection, i.e. it can accept
the LL connection request from a central device and can support all the mandatory
requirements of the GAP peripheral role as dictated in Table 2.1, Part C, Generic Access
Profile of Bluetooth core specification 4.1.
 BlueNRG-MS controller is capable of acting as a master in a connection, i.e. it can issue
the LL connect request to a peripheral device and can support all the mandatory
requirements of the GAP central role as dictated in Table 2.1, Part C, Generic Access
Profile of Bluetooth core specification 4.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com