Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 16Page - STMicroelectronics UM1865 Datasheet HTML 17Page - STMicroelectronics UM1865 Datasheet HTML 18Page - STMicroelectronics UM1865 Datasheet HTML 19Page - STMicroelectronics UM1865 Datasheet HTML 20Page - STMicroelectronics UM1865 Datasheet HTML 21Page - STMicroelectronics UM1865 Datasheet HTML 22Page - STMicroelectronics UM1865 Datasheet HTML 23Page - STMicroelectronics UM1865 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 132 page
background image
Vendor specific commands
UM1865
20/132
DocID027514 Rev 1
4.2.6
Evt_Blue_L2CAP_Procedure_Timeout
This event is generated when the master does not respond to the connection update
request packet with a connection update response packet or a command reject packet
within 30 seconds.
4.2.7
Evt_Blue_L2CAP_Connection_Update_Request
The event is given by the L2CAP layer when a connection update request is received from
the slave. The upper layer which receives this event has to respond by sending a
Aci_L2CAP_Connection_Update_Resp command to the BlueNRG-MS.
Table 14. Evt_Blue_L2CAP_Connection_Update_Resp
Parameter
Size
Description
Event code
2 bytes
The event code for connection update response event
Connection handle
2 bytes
Connection handle for which the command is given
Datalen
1 byte
Length of the data to follow
Data
Datalen
bytes
Contains: (data is in the form described in Bluetooth Core v4.1
vol 3, Part A, ch. 4.1 and ch. 4.21)
1. command reject packet if the request was rejected by the
master or
2. connection update response packet
Table 15. Evt_Blue_L2CAP_Procedure_Timeout
Parameter
Size
Description
Event code
2 bytes
The event code for L2CAP procedure timeout event
Datalen
1 byte
Length of the data to follow
Data
Datalen
bytes
Status (0x0000: Success)
Table 16. Evt_Blue_L2CAP_Connection_Update_Request
Parameter
Size
Description
Event code
2 bytes
The event code for connection update request event.
Conn_Handle
2 bytes
Handle of the connection for which the connection update
request has been received. The same handle has to be returned
while responding to the event with the command
Aci_L2CAP_Connection_Update_Resp.
DataLen
1 byte
Length of the data to follow. The data will be the L2CAP
connection update request received.
Identifier
1 byte
This is the identifier which associates the request to the
response. The same identifier has to be returned by the upper
layer in the command Aci_L2CAP_Connection_Update_Resp.
Length
2 bytes
Length of the L2CAP connection update request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com