Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 13Page - STMicroelectronics UM1865 Datasheet HTML 14Page - STMicroelectronics UM1865 Datasheet HTML 15Page - STMicroelectronics UM1865 Datasheet HTML 16Page - STMicroelectronics UM1865 Datasheet HTML 17Page - STMicroelectronics UM1865 Datasheet HTML 18Page - STMicroelectronics UM1865 Datasheet HTML 19Page - STMicroelectronics UM1865 Datasheet HTML 20Page - STMicroelectronics UM1865 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 132 page
background image
DocID027514 Rev 1
17/132
UM1865
Vendor specific commands
132
4.2
L2CAP VS commands and events
4.2.1
L2CAP VS commands
4.2.2
Aci_L2CAP_Connection_Parameter_Update_Request
Description:
Send an L2CAP connection parameter update request from the slave to the master.
Table 6. L2CAP VS Commands
Item
Command
CGID
CID
OpCode
1
Connection Parameter Update Request
0x03
0x01
0xFD81
2
Connection Parameter Update Response
0x03
0x02
0xFD82
Table 7. Aci_L2CAP_Connection_Parameter_Update_Request
Command name
Parameters
Return
Aci_L2CAP_Connection_Parameter_Update_Request
(0xFD81)
Connection handle
Interval min
Interval max
Slave latency
Timeout multiplier
Status
Table 8. Aci_L2CAP_Connection_Parameter_Update_Requests command
parameters
Parameter
Size
Description
Connection handle
2 bytes
Connection handle of the link which the connection
parameter update request has to be sent
Interval min
2 bytes
Defines minimum value for the connection event interval
in the following manner:
connIntervalMin = Interval Min * 1.25 ms
Interval max
2 bytes
Defines maximum value for the connection event interval
in the following manner:
connIntervalMax = Interval Max * 1.25 ms
Slave latency
2 bytes
Defines the slave latency parameter (as number of LL
connection events)
Timeout multiplier
2 bytes
Defines connection timeout parameter in the following
manner: Timeout Multiplier * 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com