Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 31Page - STMicroelectronics UM1865 Datasheet HTML 32Page - STMicroelectronics UM1865 Datasheet HTML 33Page - STMicroelectronics UM1865 Datasheet HTML 34Page - STMicroelectronics UM1865 Datasheet HTML 35Page - STMicroelectronics UM1865 Datasheet HTML 36Page - STMicroelectronics UM1865 Datasheet HTML 37Page - STMicroelectronics UM1865 Datasheet HTML 38Page - STMicroelectronics UM1865 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 132 page
background image
DocID027514 Rev 1
35/132
UM1865
Vendor specific commands
132
Event(s) generated:
On the completion of the command, a command complete event is generated. The status
indicates success or failure. If the registration of GAP service is successful, the event data
contains the handle for the GAP service registered with GATT and also the attribute handles
for the device name and appearance characteristics.
4.3.13
Aci_Gap_Set_Non_Connectable
Description:
Put the device into non connectable mode. This mode does not support connection. The
privacy setting done in the gap_init command plays a role in deciding the valid parameters
for this command.
Table 46. Aci_Gap_Init return parameters
Parameter
Size
Description
Status
1 byte
0x00 : Success
0x47 : Error. Does not have sufficient memory to add the required
gatt characteristics
0x12 : HCI_Invalid Parameters
Service handle
2 bytes
Handle for the GAP service
Dev name char
handle
2 bytes
Handle for the device name characteristic added to the GAP
service
Appearance char
handle
2 bytes
Handle for the appearance characteristic added to the GAP
service
Table 47. Aci_Gap_Set_Non_Connectable
Command name
Parameters
Return
Aci_Gap_Set_Non_Connectable (0xFC8B)
Advertising_Event_Ty
pe
own_address_Type
Status
Table 48. Aci_Gap_Set_Non_Connectable command parameters
Parameter
Size
Description
Advertising_Event_
Type
1 byte
0x02: Scannable undirected advertising
0x03: Non connectable undirected advertising
own_address_type
1 byte
If Privacy is disabled:
0x00 : Public device address type
0x01 : static random address type
If Privacy is enabled:
0x02 : Private Resolvable Address type
0x03 : Private Non Resolvable address type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com