Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 35Page - STMicroelectronics UM1865 Datasheet HTML 36Page - STMicroelectronics UM1865 Datasheet HTML 37Page - STMicroelectronics UM1865 Datasheet HTML 38Page - STMicroelectronics UM1865 Datasheet HTML 39Page - STMicroelectronics UM1865 Datasheet HTML 40Page - STMicroelectronics UM1865 Datasheet HTML 41Page - STMicroelectronics UM1865 Datasheet HTML 42Page - STMicroelectronics UM1865 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
DocID027514 Rev 1
39/132
UM1865
Vendor specific commands
132
4.3.16
Aci_Gap_Update_Adv_Data
Description:
This command can be used to update the advertising data for a particular AD type. If the AD
type specified does not exist, then it is added to the advertising data. If the overall
advertising data length is more than 31 octets after the update, then the command is
rejected and the old data is retained.
Event(s) generated:
A command complete event will be generated when the command has completed with the
status indicating success or failure.
4.3.17
Aci_Gap_Delete_AD_Type
Description:
This command can be used to delete the specified AD type from the advertisement data if
present.
Table 56. Aci_Gap_Update_Adv_Data
Command name
Parameters
Return
Aci_Gap_Update_Adv_Data (0xFC8E)
Adv Data Length
Adv Data
Status
Table 57. Aci_Gap_Update_Adv_Data command parameters
Parameter
Size
Description
Adv Data Length
1 byte
The number of bytes of data that is to follow in the advData
parameter
Adv Data
0-N bytes
The advData has to be formatted as specified in Bluetooth
specification (Volume 3, Part C, 11), including data length
Table 58. Aci_Gap_Update_Adv_Data return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x41: Failed
Table 59. Aci_Gap_Delete_AD_Type
Command name
Parameters
Return
Aci_Gap_Delete_AD_Type (0xFC8F)
AD Type
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com