Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 65 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 61Page - STMicroelectronics UM1865 Datasheet HTML 62Page - STMicroelectronics UM1865 Datasheet HTML 63Page - STMicroelectronics UM1865 Datasheet HTML 64Page - STMicroelectronics UM1865 Datasheet HTML 65Page - STMicroelectronics UM1865 Datasheet HTML 66Page - STMicroelectronics UM1865 Datasheet HTML 67Page - STMicroelectronics UM1865 Datasheet HTML 68Page - STMicroelectronics UM1865 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 132 page
background image
DocID027514 Rev 1
65/132
UM1865
Vendor specific commands
132
4.3.38
Aci_Gap_Is_Device_Bonded
Description:
The command finds whether the device, whose address is specified in the command, is
bonded. If the device is using a resolvable private address and it has been bonded, then the
command will return BLE_STATUS_SUCCESS.
Event(s) generated:
A command complete event is generated. If BLE_STATUS_SUCCESS is returned in the
status byte of the event then the device has been bonded.
Table 117. Aci_Gap_Start_Observation_Proc return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x12: BLE_STATUS_INVALID_PARAMETER
0x0C: ERR_COMMAND_DISALLOWED
Table 118. Aci_Gap_Is_Device_Bonded
Command name
Parameters
Return
Aci_Gap_Is_Device_Bonded
(0xFCA4)
Peer address type
Peer address
Status
Table 119. Aci_Gap_Is_Device_Bonded command parameters
Parameter
Size
Description
Peer device Address Type
1byte
The address type of the peer device
Peer device address
6 bytes
Address used by the peer device while advertising.
Table 120. Aci_Gap_Is_Device_Bonded return parameters
Parameter
Size
Description
Status
1 byte
0x00 : BLE_STATUS_SUCCESS
0x12 : HCI_INVALID_PARAMETER
0x5C: DEV_NOT_FOUND_IN_DATABASE
0x49 : FLASH_READ_FAILED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com