Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 15Page - STMicroelectronics UM1865 Datasheet HTML 16Page - STMicroelectronics UM1865 Datasheet HTML 17Page - STMicroelectronics UM1865 Datasheet HTML 18Page - STMicroelectronics UM1865 Datasheet HTML 19Page - STMicroelectronics UM1865 Datasheet HTML 20Page - STMicroelectronics UM1865 Datasheet HTML 21Page - STMicroelectronics UM1865 Datasheet HTML 22Page - STMicroelectronics UM1865 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 132 page
background image
DocID027514 Rev 1
19/132
UM1865
Vendor specific commands
132
Event(s) generated:
A command complete event is generated. If the status is success, then the link parameters
are updated with the new set values as received in the connection update complete event.
4.2.4
L2CAP VS events
4.2.5
Evt_Blue_L2CAP_Connection_Update_Resp
This event is generated when the master responds to the connection update request packet
with a connection update response packet or a command reject packet.
Min CE length
2 bytes
Minimum length of connection event needed for the LE
connection.
Range: 0x0000 – 0xFFFF
Time = N * 0.625 msec.
Max CE length
2 bytes
Maximum length of connection event needed for the LE
connection.
Range: 0x0000 – 0xFFFF
Time = N * 0.625 msec.
Identifier
1 bytes
Identifier received in Evt_Blue_L2CAP_Connection_Update_Req
event.
Accept
1 bytes
0x00: The connection update parameters are not acceptable.
0x01: The connection update parameters are acceptable.
Table 12. Aci_L2CAP_Connection_Parameter_Update_Response return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x12: BLE_STATUS_INVALID_PARAMETER
0x0C: ERR_COMMAND_DISALLOWED
Table 11. Aci_L2CAP_Connection_Parameter_Update_Response command
parameters (continued)
Parameter
Size
Description
Table 13. L2CAP VS events
Item
Event
EGID
EID
ECODE
1
Evt_Blue_
L2CAP_Connection_Update_Resp
0x02
0x00
0x0800
2
Evt_Blue_
L2CAP_Procedure_Timeout
0x02
0x01
0x0801
3
Evt_Blue_
L2CAP_Connection_Update_Request
0x02
0x02
0x0802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com