Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 53 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 49Page - STMicroelectronics UM1865 Datasheet HTML 50Page - STMicroelectronics UM1865 Datasheet HTML 51Page - STMicroelectronics UM1865 Datasheet HTML 52Page - STMicroelectronics UM1865 Datasheet HTML 53Page - STMicroelectronics UM1865 Datasheet HTML 54Page - STMicroelectronics UM1865 Datasheet HTML 55Page - STMicroelectronics UM1865 Datasheet HTML 56Page - STMicroelectronics UM1865 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 132 page
background image
DocID027514 Rev 1
53/132
UM1865
Vendor specific commands
132
Event(s) generated:
A command status event is generated when the command is issued. If the status is returned
as BLE_STATUS_SUCCESS, then on completion of the procedure a
Evt_Blue_Gap_Procedure_Completed event is generated with the procedure code set to
0x10. The procedure is terminated when a connection is established or the upper layer
terminates the procedure by issuing the command Aci_Gap_Terminate_Gap_Procedure
with the procedure code set to 0x10.
4.3.29
Aci_Gap_Start_Selective_Conn_Establishment
Description:
Start a selective connection establishment procedure. The GAP adds the specified device
addresses into white list and enables scanning in the controller with the scanner filter policy
set to “accept packets only from devices in whitelist”. All the devices found are sent to the
upper layer by the event LE_Advertising_Report. The upper layer then has to select one of
the devices to which it wants to connect by issuing the command
Aci_Gap_Create_Connection.
Table 91. Aci_Gap_Start_General_Conn_Establishment return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x12: BLE_STATUS_INVALID_PARAMETER
0x0C: ERR_COMMAND_DISALLOWED
Table 92. Aci_Gap_Start_Selective_Conn_Establishment
Command name
Parameters
Return
Aci_Gap_Start_Selective_Conn_Establishment
(0xFC9B)
Scan_Type
Scan_Interval
Scan_Window
Own_Address_Type
filterDuplicates
Num_WhiteList_Entries
Addr_Array
Status
Table 93. Aci_Gap_Start_Selective_Conn_Establishment command parameters
Parameter
Size
Description
Scan_Type
1 byte
0x00: Passive scanning
0x01: Active scanning
Scan_Interval
2 bytes
Time interval from when the controller started its last LE scan
until it begins the subsequent LE scan. The scan interval should
be a number in the range 0x0004 to 0x4000. This corresponds to
a time range 2.5 msec to 10240 msec. For a number N, Time = N
* 0.625 msec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com