Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 45Page - STMicroelectronics UM1865 Datasheet HTML 46Page - STMicroelectronics UM1865 Datasheet HTML 47Page - STMicroelectronics UM1865 Datasheet HTML 48Page - STMicroelectronics UM1865 Datasheet HTML 49Page - STMicroelectronics UM1865 Datasheet HTML 50Page - STMicroelectronics UM1865 Datasheet HTML 51Page - STMicroelectronics UM1865 Datasheet HTML 52Page - STMicroelectronics UM1865 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
DocID027514 Rev 1
49/132
UM1865
Vendor specific commands
132
Event(s) generated:
A command status event is generated as soon as the command is given. If
BLE_STATUS_SUCCESS is returned, on completion of the procedure, a
Evt_Blue_Gap_Procedure_Complete event is returned with the procedure code set to 0x04.
Conn_Interval_Min
2 bytes
Minimum value for the connection event interval. This shall be
less than or equal to Conn_Interval_Max.
Range: 0x0006 to 0x0C80
Time = N * 1.25 msec
Time Range: 7.5 msec to 4 seconds
Conn_Interval_Max
2 bytes
Maximum value for the connection event interval. This shall be
greater than or equal to Conn_Interval_Min.
Range: 0x0006 to 0x0C80
Time = N * 1.25 msec
Time Range: 7.5 msec to 4 seconds
Conn_Latency
2 bytes
Slave latency for the connection in number of connection events.
Range: 0x0000 to 0x01F4
Supervision_Timeout
2 bytes
Supervision timeout for the LE Link.
Range: 0x000A to 0x0C80
Time = N * 10 msec
Time Range: 100 msec to 32 seconds
Conn_Len_Min
2 bytes
Minimum length of connection event needed for the LE
connection.
Range: 0x0000 – 0xFFFF
Time = N * 0.625 msec.
Conn_Len_Max
2 bytes
Maximum length of connection event needed for the LE
connection.
Range: 0x0000 – 0xFFFF
Time = N * 0.625 msec.
Table 85. Aci_Gap_Start_Name_Discovery_Proc return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x12: BLE_STATUS_INVALID_PARAMETER
0x0C: ERR_COMMAND_DISALLOWED
Table 84. Aci_Gap_Start_Name_Discovery_Proc command parameters (continued)
Parameter
Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com