Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 24Page - STMicroelectronics UM1865 Datasheet HTML 25Page - STMicroelectronics UM1865 Datasheet HTML 26Page - STMicroelectronics UM1865 Datasheet HTML 27Page - STMicroelectronics UM1865 Datasheet HTML 28Page - STMicroelectronics UM1865 Datasheet HTML 29Page - STMicroelectronics UM1865 Datasheet HTML 30Page - STMicroelectronics UM1865 Datasheet HTML 31Page - STMicroelectronics UM1865 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
Vendor specific commands
UM1865
28/132
DocID027514 Rev 1
Event(s) generated:
When the Aci_Gap_Set_Discoverable command has completed, the controller will generate
a command complete event.
Adv_Filter_Policy
1 byte
0x00: Allow scan request from any, allow connect
request from any (default).
0x01: Allow scan request from white list only, allow
connect request from any.
0x02: Allow scan request from any, allow connect
request from white list only.
0x03: Allow scan request from white list only, allow
connect request from white list only.
Local_Name_Length
1 byte
Length of the local name string in octets.
If length is set to 0x00, Local_Name parameter should
not be used.
Local_Name
0-N bytes
Local name of the device. This is an ASCII string without
NULL character.
First byte is the AD type:
AD_TYPE_SHORTENED_LOCAL_NAME or
AD_TYPE_COMPLETE_LOCAL_NAME.
Service_UUID_Length
1 byte
Length of the service UUID list in octets. If there is no
service to be advertised, set this field to 0x00.
Service_UUID_List
0-N bytes
This is the list of the UUIDs AD types as defined in
Volume 3, Section 11.1.1 of GAP Specification
Slave_Conn_Interval_Min
2 bytes
Slave connection internal minimum value.
Connection interval is defined in the following manner:
connIntervalmin = Slave_Conn_Interval_Min * 1.25ms
Slave_Conn_Interval_Min range: 0x0006 to 0x0C80
Value of 0xFFFF indicates no specific minimum.
Slave_Conn_Interval_Max
2 bytes
Slave connection internal maximum value.
ConnIntervalmax = Slave_Conn_Interval_Max * 1.25ms
Slave_Conn_Interval_Max range: 0x0006 to 0x0C80
Slave_ Conn_Interval_Max shall be equal to or greater
than the Slave_Conn_Interval_Min.
Value of 0xFFFF indicates no specific maximum.
Table 25. Aci_gap_set_discoverable return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x42: Invalid parameter
0x0C: Command disallowed
0x11: Unsupported feature
Table 24. Aci_gap_set_discoverable command parameters (continued)
Parameter
Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com