Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 36Page - STMicroelectronics UM1865 Datasheet HTML 37Page - STMicroelectronics UM1865 Datasheet HTML 38Page - STMicroelectronics UM1865 Datasheet HTML 39Page - STMicroelectronics UM1865 Datasheet HTML 40Page - STMicroelectronics UM1865 Datasheet HTML 41Page - STMicroelectronics UM1865 Datasheet HTML 42Page - STMicroelectronics UM1865 Datasheet HTML 43Page - STMicroelectronics UM1865 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 132 page
background image
Vendor specific commands
UM1865
40/132
DocID027514 Rev 1
Event(s) generated:
A command complete event will be generated and the status indicates success or failure.
4.3.18
Aci_Gap_Get_Security_Level
Description:
This command can be used to get the current security settings of the device.
Table 60. Aci_Gap_Delete_AD_Type command parameters
Parameter
Size
Description
AD Type
1 byte
0x01: AD_TYPE_FLAGS
0x02: AD_TYPE_16_BIT_SERV_UUID
0x03: AD_TYPE_16_BIT_SERV_UUID_CMPLT_LIST
0x04: AD_TYPE_32_BIT_SERV_UUID
0x05: AD_TYPE_32_BIT_SERV_UUID_CMPLT_LIST
0x06: AD_TYPE_128_BIT_SERV_UUID
0x07: AD_TYPE_128_BIT_SERV_UUID_CMPLT_LIST
0x08: AD_TYPE_SHORTENED_LOCAL_NAME
0x09: AD_TYPE_COMPLETE_LOCAL_NAME
0x0A: AD_TYPE_TX_POWER_LEVEL
0x10: AD_TYPE_SEC_MGR_TK_VALUE
0x11: AD_TYPE_SEC_MGR_OOB_FLAGS
0x12: AD_TYPE_SLAVE_CONN_INTERVAL
0x14: AD_TYPE_SERV_SOLICIT_16_BIT_UUID_LIST
0x15: AD_TYPE_SERV_SOLICIT_32_BIT_UUID_LIST
0x16: AD_TYPE_SERVICE_DATA
0xFF: AD_TYPE_MANUFACTURER_SPECIFIC_DATA
Table 61. Aci_Gap_Delete_AD_Type return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x1F: AD Type not found
Table 62. Aci_Gap_Get_Security_Level
Command name
Parameters
Return
Aci_Gap_Get_Security_Level (0xFC90)
Status
MIMT protection required
Bonding required
OOB data present
Passkey required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com