Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 8Page - STMicroelectronics UM1865 Datasheet HTML 9Page - STMicroelectronics UM1865 Datasheet HTML 10Page - STMicroelectronics UM1865 Datasheet HTML 11Page - STMicroelectronics UM1865 Datasheet HTML 12Page - STMicroelectronics UM1865 Datasheet HTML 13Page - STMicroelectronics UM1865 Datasheet HTML 14Page - STMicroelectronics UM1865 Datasheet HTML 15Page - STMicroelectronics UM1865 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 132 page
background image
Standard HCI commands
UM1865
12/132
DocID027514 Rev 1
3
Standard HCI commands
3.1
Supported HCI commands
The table below lists the standard Bluetooth HCI commands which are supported by the
BlueNRG-MS. For the details of each command, e.g. command descriptions, parameters,
etc. please refer to the Bluetooth core specification, Volume 2, Part E, Chapter 7.
Table 2. HCI commands
Item
Command
OGF
OCF
OpCode
1
HCI_Disconnect
0x01
0x06
0x0406
2
HCI_Read_Remote_Version_Information
0x01
0x1D
0x041D
3
HCI_Set_Event_Mask
0x03
0x01
0x0C01
4
HCI_Reset
0x03
0x03
0x0C03
5
HCI_Read_Transmit_Power_Level
0x03
0x2D
0x0C2D
6
HCI_Read_Local_Version_Information
0x04
0x01
0x1001
7
HCI_Read_Local_Supported_Commands
0x04
0x02
0x1002
8
HCI_Read_Local_Supported_Features
0x04
0x03
0x1003
9
HCI_Read_BD_ADDR
0x04
0x09
0x1009
10
HCI_Read_RSSI
0x05
0x05
0x1405
11
HCI_LE_Set_Event_Mask
0x08
0x01
0x2001
12
HCI_LE_Read_Buffer_Size
0x08
0x02
0x2002
13
HCI_LE_Read_Local_Supported_Feature
0x08
0x03
0x2003
14
HCI_LE_Set_Random_Address
0x08
0x05
0x2005
15
HCI_LE_Set_Advertizing_Parameters
0x08
0x06
0x2006
16
HCI_LE_Read_Advertizing_Channel_Tx_Power
0x08
0x07
0x2007
17
HCI_LE_Set_Advertizing_Data
0x08
0x08
0x2008
18
HCI_LE_Set_Scan_Response
0x08
0x09
0x2009
19
HCI_LE_Set_Advertize_Enable
0x08
0x0A
0x200A
20
HCI_LE_Set_Scan_Parameters
0x08
0x0B
0x200B
21
HCI_LE_Set_Scan_Enable
0x08
0x0C
0x200C
22
HCI_LE_Create_Connection
0x08
0x0D
0x200D
23
HCI_LE_Create_Connection_Cancel
0x08
0x0E
0x200E
24
HCI_LE_Read_White_List_Size
0x08
0x0F
0x200F
25
HCI_LE_Clear_While_List
0x08
0x10
0x2010
26
HCI_LE_Add_Device_To_While_List
0x08
0x11
0x2011
27
HCI_LE_Remove_Device_From_While_List
0x08
0x12
0x2012
28
HCI_LE_Connection_Update
0x08
0x13
0x2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com