Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 29Page - STMicroelectronics UM1865 Datasheet HTML 30Page - STMicroelectronics UM1865 Datasheet HTML 31Page - STMicroelectronics UM1865 Datasheet HTML 32Page - STMicroelectronics UM1865 Datasheet HTML 33Page - STMicroelectronics UM1865 Datasheet HTML 34Page - STMicroelectronics UM1865 Datasheet HTML 35Page - STMicroelectronics UM1865 Datasheet HTML 36Page - STMicroelectronics UM1865 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 132 page
background image
DocID027514 Rev 1
33/132
UM1865
Vendor specific commands
132
4.3.10
Aci_Gap_Pass_Key_Response
Description:
This command should be send by the host in response to Evt_Blue_Pass_Key_Request
event. The command parameter contains the pass key which will be used during the pairing
process.
Event(s) generated:
When controller receives this command, it will generate a command status event with return
parameter. When paring process completes, it will generate
Evt_Blue_Gap_Pairing_Complete event.
4.3.11
Aci_Gap_Authorization_Response
Description:
This command should be send by the host in response to
Evt_Blue_Gap_Authorization_Request event.
Table 38. Aci_Gap_Pass_Key_Response
Command name
Parameters
Return
Aci_Gap_Pass_Key_Response (0xFC88)
Pass Key
Status
Table 39. Aci_Gap_Pass_Key_Response command parameters
Parameter
Size
Description
Pass key
4 byte
Pass key, value range: 0 - 999999 (decimal)
Table 40. Aci_Gap_Pass_Key_Response return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x42: Invalid parameter
0x0C: Command disallowed
Table 41. Aci_Gap_Authorization_Response
Command name
Parameters
Return
Aci_Gap_Authorization_Response (0xFC89)
Authorize
Status
Table 42. Aci_Gap_Authorization_Response command parameters
Parameter
Size
Description
Authorize
1 byte
0x01: Authorize (accept connection)
0x02: Reject (reject connection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com