Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 89 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 85Page - STMicroelectronics UM1865 Datasheet HTML 86Page - STMicroelectronics UM1865 Datasheet HTML 87Page - STMicroelectronics UM1865 Datasheet HTML 88Page - STMicroelectronics UM1865 Datasheet HTML 89Page - STMicroelectronics UM1865 Datasheet HTML 90Page - STMicroelectronics UM1865 Datasheet HTML 91Page - STMicroelectronics UM1865 Datasheet HTML 92Page - STMicroelectronics UM1865 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 132 page
background image
DocID027514 Rev 1
89/132
UM1865
Vendor specific commands
132
Event(s) generated:
A command status event is generated on the receipt of the command. The responses of the
procedure are given through the Evt_Blue_Att_Read_By_Group_Resp event. The end of
the procedure is indicated by a Evt_Blue_Procedure_Complete event.
4.5.20
Aci_Gatt_Disc_Prim_serv_By_Uuid
Description:
This command will start the procedure to discover the primary services of the specified
UUID on the server.
Table 180. Aci_Gatt_Disc_All_Prim_Services return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x42: Invalid parameters
0x46: Not allowed
- If the exchange has already taken place
- If GATT is expecting response for previous request
- Already a request is in the queue to be sent
- Channel not open
- Already one GATT procedure is started
Table 181. Aci_Gatt_Disc_Prim_serv_By_Uuid
Command name
Parameters
Return
Aci_Gatt_Disc_Prim_Serv_By_Uuid (0xFD13)
Connection handle
UUID type
UUID
Status
Table 182. Aci_Gatt_Disc_Prim_serv_By_Uuid command parameters
Parameter
Size
Description
Connection handle
2 bytes
Connection handle for which the command is given
UUID type
1 byte
0x01: 16-bit UUID (default)
0x02: 128-bit UUID
UUID
2 bytes or
16 bytes
UUID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com