Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 67 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 63Page - STMicroelectronics UM1865 Datasheet HTML 64Page - STMicroelectronics UM1865 Datasheet HTML 65Page - STMicroelectronics UM1865 Datasheet HTML 66Page - STMicroelectronics UM1865 Datasheet HTML 67Page - STMicroelectronics UM1865 Datasheet HTML 68Page - STMicroelectronics UM1865 Datasheet HTML 69Page - STMicroelectronics UM1865 Datasheet HTML 70Page - STMicroelectronics UM1865 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 132 page
background image
DocID027514 Rev 1
67/132
UM1865
Vendor specific commands
132
Table 123. Evt_Blue_Pass_Key_Request
Parameter
Size
Description
Event_code
2 bytes
0x0406
Event_type
1 bytes
Type of event:
ADV_IND: 0x00
ADV_DIRECT_IND: 0x01
ADV_SCAN_IND: 0x02
ADV_NONCONN_IND:0x03
SCAN_RSP: 0x04
Peer_Address_Type
1 byte
0x00: Public device address
0x01: Random device address
Peer_Address
6 bytes
Address of the peer device found during
scanning.
Length_Data
1 byte
Length of advertising or scan response
data
Data
Length_Data bytes
Advertising or scan response data
RSSI
1 byte
Size: 1 Octet (signed integer)
Range: -127 ≤ N ≤ +20
Units: dBm
127: RSSI is not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com