Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 23Page - STMicroelectronics UM1865 Datasheet HTML 24Page - STMicroelectronics UM1865 Datasheet HTML 25Page - STMicroelectronics UM1865 Datasheet HTML 26Page - STMicroelectronics UM1865 Datasheet HTML 27Page - STMicroelectronics UM1865 Datasheet HTML 28Page - STMicroelectronics UM1865 Datasheet HTML 29Page - STMicroelectronics UM1865 Datasheet HTML 30Page - STMicroelectronics UM1865 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 132 page
background image
DocID027514 Rev 1
27/132
UM1865
Vendor specific commands
132
4.3.5
Aci_Gap_Set_Discoverable
Description:
Set the device in general discoverable mode (as defined in GAP specification volume 3,
section 9.2.4). The device will be discoverable until the host issues the
Aci_Gap_Set_Non_Discoverable command. The Adv_Interval_Min and Adv_Interval_Max
parameters are optional. If both are set to 0, the GAP uses the default values for adv
intervals for general discoverable mode.
Table 23. Aci_gap_set_discoverable
Command name
Parameters
Return
Aci_Gap_Set_Discoverable (0xFC83)
Advertising_Event_Type
Adv_Interval_Min
Adv_Interval_Max
Address_Type
Adv_Filter_Policy
Local_Name_Length
Local_Name
Service_Uuid_Length
Service_Uuid_List
Slave_Conn_Interval_Min
Slave_Conn_Interval_Max
Status
Table 24. Aci_gap_set_discoverable command parameters
Parameter
Size
Description
Advertising_Event_Type
1 byte
0x00: Connectable undirected advertising (default)
0x02: Scannable undirected advertising
0x03: Non connectable undirected advertising
Adv_Interval_Min
2 bytes
Minimum advertising interval for non-directed
advertising.
Range: 0x0020 to 0x4000 Default: N = 0x0800 (1.28
second) Time = N * 0.625 msec Time Range: 20 ms to
10.24 sec
Adv_Interval_Max
2 bytes
Maximum advertising interval for non-directed
advertising.
Range: 0x0020 to 0x4000 Default: N = 0x0800 (1.28
seconds) Time = N * 0.625 msec Time Range: 20 ms to
10.24 sec
Address_Type
1 byte
0x00: Public device address (default)
0x01: Random device address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com